Electronic Components Datasheet Search
  English  ▼

X  

3710Z Datasheet(PDF) 4 Page - KIA Semiconductor Technology

Part # 3710Z
Description  59A100V N-CHANNEL POWER MOSFET TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3710Z Datasheet(HTML) 4 Page - KIA Semiconductor Technology

  3710Z Datasheet HTML 1Page - KIA Semiconductor Technology 3710Z Datasheet HTML 2Page - KIA Semiconductor Technology 3710Z Datasheet HTML 3Page - KIA Semiconductor Technology 3710Z Datasheet HTML 4Page - KIA Semiconductor Technology 3710Z Datasheet HTML 5Page - KIA Semiconductor Technology 3710Z Datasheet HTML 6Page - KIA Semiconductor Technology 3710Z Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
59A 100V
N-CHANNEL
POWER MOSFET TRANSISTOR
7.Source-drain ratings and characteristics
(TJ=25°C,unless otherwise notes)
Notes:
1.
Repetitive rating;pulse width limited by max. junction temperature.
2.
Pulse test,t<300
μs;duty cycle<2%.
3.
TJ=+125
°C.
4 of7
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Untis
Diode forward voltage2)
VSD
VGS=0V,IS=35A
-
-
1.3
V
Continuous source current
(body diode)
IS
VGS=0V
-
-
59
A
Pulsed source current
(body diode)
ISM
repetitive,pulse width
limited byTJM
-
-
240
Reverse recovery time2)
trr
IF=35A,VDD=25V
di/dt=100A/
μs
-
56
75
ns
Reverse recovery charge2)
Qrr
-
106
160
nC
KIA
SEMICONDUCTORS
3710Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com