Electronic Components Datasheet Search
  English  ▼

X  

7805 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 7805
Description  Output current in excess of 1A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

7805 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  7805 Datasheet HTML 1Page - KIA Semiconductor Technology 7805 Datasheet HTML 2Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KIA
SEMICONDUCTORS
9396 850 1656
2 of 2
KIA semiconductors All right reserved
Table3: Electrical characteristics(0 C<Tj<125 C,IO=500mA,VI=11V,CI=0.33uF,Co=0.1uF)
Parameter
o
4.Electrical characteristics
Unit
Max
Min
Typ
Symbol
Condition
Output voltage
4.8
V
V
O
T
j=25
C
7805
o
o
5.0mA<I
O<1.0A, PD<15W,
7.0V<V
D<20V
Line regulation
V
O
T
j=25
C,7.0V<V
I<25V
T
j=25
C,9.0V<V
I<13V
T
j=25 C,5.0mA<IO<1.5A
T
j=25
C,250mA<I
O<750mA
Load regulation
V
O
Quiescent
I
q
T
j=25
C
5.0mA<I
O<1.0A
Quiescent current change
I
q
7.0V<V
I<25V
Output voltage drift
V
O/
T
I
O=5mA
V
n
Output noise voltage
T
A=25 C,10Hz<f<100KHz
Supply voltage rejection
RR
f=120Hz,120V<V
I<18V
Dropout
V
d
I
O=1A,Tj=25 C
Output resistance
R
O
f=1KHz
Short circuit current
I
SC
V
I=35V,Tj=25
C
Short circuit peak current
I
px
T
j=25
C
o
o
o
o
o
o
o
o
o
4.75
62
5.0
5.0
4.0
1.6
9
4
5.0
42
73
2
15
0.23
2.2
5.2
5.25
100
50
100
50
8
0.5
1.3
mV
V
mV
mV
mV
mA
mA
mA
mV/ C
o
uV
dB
V
mohm
A
A
-0.8
0.03
0.3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com