Electronic Components Datasheet Search
  English  ▼

X  

GRB271B3 Datasheet(PDF) 2 Page - CW Industries

Part # GRB271B3
Description  GRB Series Full Size Sealed Rocker Switches
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CWIND [CW Industries]
Direct Link  http://www.cwind.com
Logo CWIND - CW Industries

GRB271B3 Datasheet(HTML) 2 Page - CW Industries

  GRB271B3 Datasheet HTML 1Page - CW Industries GRB271B3 Datasheet HTML 2Page - CW Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Compliance
.
Frame Material
Nylon (UL: 94HB)
Actuator Material
Nylon (UL: 94V-2)
PC (UL: 94V-2)
Terminal Material
Copper Alloy
Silver Plated
Lamp Terminal Material
Unplated Brass
Operating Temperature
-20 to 85 ºC
Maximum Contact Resistance
50m ohm
Minimum Insulation Resistance
DC 500VM 100M OHM
Dielectric Strength (AC) (1 Minute)
1500 ºC
Mechanical Life
> 100,000 Cycles
Maximum Solderability of Terminals
(Per 3 Seconds)
350 ºC
Materials
Technical Information
6/13/2019 | Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com