Electronic Components Datasheet Search
  English  ▼

X  

MSP430F169IPM Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F169IPM
Description  MIXED SIGNAL MICROCONTROLLER
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F169IPM Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F169IPM Datasheet HTML 1Page - Texas Instruments MSP430F169IPM Datasheet HTML 2Page - Texas Instruments MSP430F169IPM Datasheet HTML 3Page - Texas Instruments MSP430F169IPM Datasheet HTML 4Page - Texas Instruments MSP430F169IPM Datasheet HTML 5Page - Texas Instruments MSP430F169IPM Datasheet HTML 6Page - Texas Instruments MSP430F169IPM Datasheet HTML 7Page - Texas Instruments MSP430F169IPM Datasheet HTML 8Page - Texas Instruments MSP430F169IPM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
MSP430x15x, MSP430x16x, MSP430x161x
MIXED SIGNAL MICROCONTROLLER
SLAS368D− OCTOBER 2002− REVISED MARCH 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Low Supply-Voltage Range, 1.8 V . . . 3.6 V
D Ultralow-Power Consumption:
− Active Mode: 330
µA at 1 MHz, 2.2 V
− Standby Mode: 1.1
µA
− Off Mode (RAM Retention): 0.2
µA
D Five Power-Saving Modes
D Wake-Up From Standby Mode in less
than 6
µs
D 16-Bit RISC Architecture, 125-ns
Instruction Cycle Time
D Three-Channel Internal DMA
D 12-Bit A/D Converter With Internal
Reference, Sample-and-Hold and Autoscan
Feature
D Dual 12-Bit D/A Converters With
Synchronization
D 16-Bit Timer_A With Three
Capture/Compare Registers
D 16-Bit Timer_B With Three or Seven
Capture/Compare-With-Shadow Registers
D On-Chip Comparator
D Serial Communication Interface (USART0),
Functions as Asynchronous UART or
Synchronous SPI or I2CTM Interface
D Serial Communication Interface (USART1),
Functions as Asynchronous UART or
Synchronous SPI Interface
D Supply Voltage Supervisor/Monitor With
Programmable Level Detection
D Brownout Detector
D Bootstrap Loader
I2C is a registered trademark of Philips Incorporated.
D Serial Onboard Programming,
No External Programming Voltage Needed
Programmable Code Protection by Security
Fuse
D Family Members Include:
− MSP430F155:
16KB+256B Flash Memory
512B RAM
− MSP430F156:
24KB+256B Flash Memory
1KB RAM
− MSP430F157:
32KB+256B Flash Memory,
1KB RAM
− MSP430F167:
32KB+256B Flash Memory,
1KB RAM
− MSP430F168:
48KB+256B Flash Memory,
2KB RAM
− MSP430F169:
60KB+256B Flash Memory,
2KB RAM
− MSP430F1610:
32KB+256B Flash Memory
5KB RAM
− MSP430F1611:
48KB+256B Flash Memory
10KB RAM
− MSP430F1612:
55KB+256B Flash Memory
5KB RAM
D Available in 64-Pin Quad Flat Pack (QFP)
and 64-pin QFN (see Available Options)
D For Complete Module Descriptions, See the
MSP430x1xx Family User’s Guide,
Literature Number SLAU049
description
The Texas Instruments MSP430 family of ultralow power microcontrollers consist of several devices featuring
different sets of peripherals targeted for various applications. The architecture, combined with five low power
modes is optimized to achieve extended battery life in portable measurement applications. The device features
a powerful 16-bit RISC CPU, 16-bit registers, and constant generators that attribute to maximum code efficiency.
The digitally controlled oscillator (DCO) allows wake-up from low-power modes to active mode in less than 6
µs.
The MSP430x15x/16x/161x series are microcontroller configurations with two built-in 16-bit timers, a fast 12-bit
A/D converter, dual 12-bit D/A converter, one or two universal serial synchronous/asynchronous
communication interfaces (USART), I2C, DMA, and 48 I/O pins. In addition, the MSP430x161x series offers
extended RAM addressing for memory-intensive applications and large C-stack requirements.
Typical applications include sensor systems, industrial control applications, hand-held meters, etc.
Copyright
 2002 − 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - MSP430F169IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F169IPM TI-MSP430F169IPM Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F169IPM TI-MSP430F169IPM Datasheet
1Mb / 71P
MIXED SIGNAL MICROCONTROLLER
MSP430F169IPM TI-MSP430F169IPM Datasheet
1Mb / 77P
MIXED SIGNAL MICROCONTROLLER
MSP430F169IPM TI2-MSP430F169IPM Datasheet
1Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
MSP430F169IPM.A TI2-MSP430F169IPM.A Datasheet
1Mb / 85P
MIXED SIGNAL MICROCONTROLLER
REVISED MARCH 2011
More results

Similar Description - MSP430F169IPM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com