Electronic Components Datasheet Search
  English  ▼

X  

EB-2100S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # EB-2100S
Description  DDX All-Digital, High Efficiency Evaluation Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EB-2100S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button EB-2100S Datasheet HTML 3Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 4Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 5Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 6Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 7Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 8Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 9Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 10Page - List of Unclassifed Manufacturers EB-2100S Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
________________
__ EB-2100x
9
Details are subject to change without notice.
Typical Performance Characteristics at Vcc = 36V, 8 Ohm loads, two
Channels driven.
Fig 4: Efficiency vs Output Power
Fig 5: Frequency response
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
110
120
Total Output Power for 2 Channels (Watts)
-3
+3
-1.5
-0
+1.5
d
B
r
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Fig 6: THD+N vs Frequency
Fig 7: THD+N vs Outpwr at 1 KHz
(left and right channels)
0.01
1
0.02
0.05
0.1
0.2
0.5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
1W
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
100m
80
200m
500m
1
2
5
10
20
50
W
10W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com