Electronic Components Datasheet Search
  English  ▼

X  

HM6119 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6119
Description  2A Low Consumption Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6119 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6119 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6119 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DETAILED DESCRIPTION
HM6119 is a series of low dropout voltage and low power consumption regulator. Its application
circuitry requires minimum number of external components. Both fixed voltage and adjustable voltage
application circuits need input and output capacitors to assure output voltage stability. Any desired output
voltage from fixed voltage to 18V can be achieved by assigning proper values to two external resistors in its
application circuitry (as shown in Fig.3, as R1, R2 are the two external resistors.).
HM6119 uses trimming technique to assure the accuracy of output value within ±2%, at the same time,
temperature compensation is elaborately considered in this chip, which makes HM6119’s temperature
coefficient within 100ppm/℃。
TYPICAL APPLICATION
HM6119 has fixed voltage and adjustable voltage application mode, Fig.4 shows their typical application
circuitry.
A 1uF ceramic capacitor connected between input and GND as bypass capacitor and a 1uF ceramic
capacitor between output and GND are recommended for all application.
Using a bypass capacitor (CAdj) between the adjust terminal and ground can improve ripple rejection. The
bypass capacitor prevents ripple from being amplified in case the output voltage is increased. The
impedance of CAdj should be less than the resistance of R1 to prevent ripple from being amplified at any
frequency. As R1 is normally in the range of 1KΩ~10KΩ, the value of CAdj should satisfy the following
condition:
1/(2* FrequencyRipple *Cadj)<R1
A 0.1µF ceramic capacitor is recommended.
Fig 3. Typical Application of HM6119
EXPLANATION
The output voltage of adjustable application satisfies this followed equation:
Vout=VRef× (1+R2/R1)+IAdj×R2.
The second term IAdj×R2 can be ignored since the adjustable pin current IAdj (~ 2µA) is much less than the
current through R1 (~1mA).
The value of R1 is preferred in the range of 1KΩ~10KΩ and the value of VRef is the output voltage of typical
fixed voltage application circuit.
HM6119



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com