Electronic Components Datasheet Search
  English  ▼

X  

HM6351 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6351
Description  5V/1.5A Output Synchronous Boost in SOT23-6
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6351 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6351 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6351 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6351 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6351 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6351 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APPLICATION INFORMATION
Loop Operation
The HM6351 is a wide input range, high-efficiency, DC/DC step up switching regulator, integrated with a 120mΩ Low Side
Main MOSFET and 150mΩ synchronous MOSFET. It uses a PWM current-mode control scheme. An error amplifier integrates
error between the FB signal and the internal reference voltage. The output of the integrator is then compared to the sum of
a current-sense signal and the slope compensation ramp. This operation generates a PWM signal that modulates the duty
cycle of the power MOSFETs to achieve regulation for output voltage.
The peak current of the NMOS switch is also sensed to limit the maximum current flowing through the switch and the
inductor. The typical peak current limit is set to 2.8A. An internal temperature sensor prevents the device from getting
overheated in case of excessive power dissipation.
Light Load Operation
Traditionally, a fixed constant frequency PWM DC/DC regulator always switches even when the output load is small. When
energy is shuffling back and forth through the power MOSFETs, power is lost due to the finite RDSONs of the MOSFETs and
parasitic capacitances. At light load, this loss is prominent and efficiency is therefore very low. HM6351 employs a
proprietary control scheme that improves efficiency in this situation by enabling the device into a power saving mode
during light load, thereby extending the range of high efficiency operation.
Short-Circuit Protection
Unlike most step-up converters, the HM6351 allows for short circuits on the output. In the event of a short circuit, the
device first turns off the NMOS when the sensed current reaches the current limit. After VOUT drops below VIN the device
then enters a linear charge period with the current limited same as with the start-up period. In addition, the thermal
shutdown circuits disable switching if the die temperature rises above 150°C.
Down Mode (VIN>VOUT) Operation
The HM6351 will continue to supply the output voltage even when the input voltage exceeds the output voltage. Since the
PMOS no longer acts as a low-impedance switch in this mode, power dissipation increases within the IC to cause a sharp
drop in efficiency. Limit the maximum output current to maintain an acceptable junction temperature.
PCB GUIDELINES
A recommended PCB layout is shown on the right hand.
Please place the output capacitors (Co1 and Co2) just
besides the chip. And wire GND out underneath the IC
body. And thus, the performance of HM6351 is
guaranteed, and a very compact PCB design is also
achieved
HM6351



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com