Electronic Components Datasheet Search
  English  ▼

X  

HM6600 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM6600
Description  Wall-Adapter/Power Plugs, Outlets
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM6600 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM6600 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM6600 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 7
Electrical Characteristics
(VDD=5V, TA=25℃ and the recommended supply voltage range, unless otherwise specified.)
Parameter Name
Symbol
Test Conditions
Min
Typ
Max
Units
Input Power
VDD Input Voltage Range
VDD
VDD Rising
4
6
V
Input UVLO Threshold
VUVLO(VTH)
VDD =5V,Measure VDD
SW1=SW2=SW3=Off
2.0
3.9
V
VDD Supply Current
120
µ
A
VDD Shunt Voltage
VDD(SHUNT)
TBD
TBD
TBD
V
High Voltage Dedicated Charging Port (HVDCP)
20V Output Inhibit
Threshold
VDDH
VDD
-1.0
V
Data Detect Voltage
VDAT(REF)
0.3
0.35
0.4
V
Output Voltage Selection
Reference
VSEL_REF
1.0
1.2
1.4
V
Data Lines Short-Circuit
Delay
TDAT(SHORT)
VOUT≥0.8V
10
20
ms
D+ High Glitch Filter Time
TGLITCH(BC)-D+_H
1000
1250
1500
ms
D- Low Glitch Filter Time
TGLITCH(BC)-D-_L
1
ms
Output Voltage Glitch Filter
Time
TGLITCH(V)CHANGE
20
40
60
ms
D- Pull-Down Resistance
RD-(DWN)
5.0
6.5
8.0
kΩ
Switch SW1 on-resistance
RDS_ON_N1
SW1=200µA
300
Ω
Switch SW2 on-resistance
RDS_ON_N2
SW2=200µA
300
Ω
Switch SW3 on-resistance
RDS_ON_N3
SW3=200µA
300
Ω
Switch SW5 on-resistance
RDS_ON_N5
SW5=200µA
80
150
Ω
DCP 1.2V Charging Mode
D+_1.2V/D-_1.2V Line Output
Voltage
1.15
1.25
1.30
V
D+_1.2V/D-_1.2V Line Output
Impedance
102
kΩ
Apple 2.4A Mode
D+_2.7V/D-_2.7V Line Output
Voltage
2.57
2.70
2.84
V
D+_2.7V/D-_2.7V Line Output
Impedance
28
kΩ
* Not production tested.
HM6600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com