Electronic Components Datasheet Search
  English  ▼

X  

HM7110 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM7110
Description  1A Bipolar Linear Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM7110 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM7110 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM7110 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Selection Table
Marking
Part No.
Output Voltage
Package
7110
XX YYWW
XX=12
1.2V
SOT89
XX=18
1.8V
XX=28
2.85V
XX=25
2.5V
XX=33
3.3V
XX=50
5.0V
XX=AD
Adj
Ordering Information
Marking
Designator
Description
7110
XX YYWW
7110
Product code
XX
Output Voltage(1.2~12.0V)
YYWW
DATE CODE
Note:”
XX” stands for output voltages. Other voltages can be specially customized
Parameters
Description
Temperature & Rohs
C:-40~85℃ ,Pb Free Rohs Std.
Package type
P:SOT-89
Packing type:
TR: Tape & Reel (Standard)
Voltage accuracy
2%(Customized)
Block Diagram
Pin Configuration
HM7110
1A Bipolar Linear Regulator



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com