Electronic Components Datasheet Search
  English  ▼

X  

NK50-5 Datasheet(PDF) 4 Page - PAIRUI GROUP INC.

Part # NK50-5
Description  AC-DC Switching Mode Power Supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

NK50-5 Datasheet(HTML) 4 Page - PAIRUI GROUP INC.

  NK50-5 Datasheet HTML 1Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 2Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 3Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 4Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 5Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 6Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 7Page - PAIRUI GROUP INC. NK50-5 Datasheet HTML 8Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
OUTPUT
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output voltage adjustable
range
±10
%
Minimum load
0
A
Line regulation
Vin from 100Vac to 240Vac
±0.5
%
Load regulation
Vout=5Vdc
Vout=12/24/36/48Vdc
2
1
%
%
Rise time
Full load, Vin=115Vac
Full load, Vin=230Vac
30
30
ms
ms
Hold up time
Full load, Vin=115Vac
Full load, Vin=230Vac
30
11
ms
ms
PRODUCT SPECIFICATION
switching mode power supply
Protection
Short circuit
Hiccup mode, it will recover automatically after fault condition is removed
Overload
105-150%, hiccup mode, it will recover automatically after fault condition is
removed
Over voltage
115-150%, shut-off output voltage, the power supply will recover after the power
is turned-on again
Updated 2019-V1.0-0319
www.pairuigroup.com
PAIRUI ELECTRONICS
Page:3/6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com