Electronic Components Datasheet Search
  English  ▼

X  

SP8480KP Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8480KP
Description  Monolithic, 12-Bit Data Acquisition System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8480KP Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8480KP Datasheet HTML 2Page - Sipex Corporation SP8480KP Datasheet HTML 3Page - Sipex Corporation SP8480KP Datasheet HTML 4Page - Sipex Corporation SP8480KP Datasheet HTML 5Page - Sipex Corporation SP8480KP Datasheet HTML 6Page - Sipex Corporation SP8480KP Datasheet HTML 7Page - Sipex Corporation SP8480KP Datasheet HTML 8Page - Sipex Corporation SP8480KP Datasheet HTML 9Page - Sipex Corporation SP8480KP Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
294
latch the 8 MSB’s and 4 LSB’s of output data on
the 8-bit wide output data bus.
The conversion cycle is started when R/C is
brought low and must be held low for a mini-
mum of 50ns. The R/C signal will also cause the
output latches to be in a tri-state mode when low.
Approximately 200ns after R/C is low, STA-
TUS will change from low to high. This output
signal will stay high while the SP8480 is per-
forming a conversion. Valid data will be latched
to the output bus, through internal control, 500ns
prior to the STATUS line transitioning from a
high to low.
Reading the Data
Please refer to Figure 5. To read data from the
SP8480, the R/C and A
0 control lines are used.
R/C must be high a minimum of 50ns prior to
reading the data to allow time for the output
latches to come out of the high impedance tri-state
mode. A
0 is used to access the data. The first 8
MSBs will be on pins 26 through 19, with pin 26
being the MSB. The remaining 4 LSBs will be on
pins 23 through 26 with pin 23 being the LSB.
When A
0 is switched from one state to the next,
there is a 50ns output latch propagation delay
between the MSBs and LSBs being present on
the output pins.
CALIBRATION
The calibration procedure for the SP8480 con-
sists of adjusting the most negative input voltage
(0V) to the ideal output code for offset adjust-
ment, and then adjusting the most positive input
voltage (5.0V) to its ideal output code for gain
adjustment.
SP8480
GAIN ADJUST
125K
Ω
+15V
10K
Ω
±0.3% Trim Range
5
19K
Ω
Center pot
for zero
correction
Figure 2. Gain Adjust
Offset Adjustment
The offset adjustment must be completed first.
Please refer to Figure 1. Apply an input voltage
of 0.5LSB or 610
µV to any multiplexer input.
Adjust the offset potentiometer so that the output
code fluctuates evenly between 000…000 and
000…001. It is only necessary to observe the
lower eight LSB’s during this procedure.
Gain Adjustment
With the offset adjusted, the gain error can now
be trimmed to zero (see Figure 2). The ideal
input voltage corresponding to 1.5 LSB’s below
the nominal full scale input value, or +4.988V, is
applied to any multiplexer input. The gain poten-
tiometer is adjusted so that the output code
alternates evenly between 111…111 and
111…110. Again, only the lower eight LSB’s
need be observed during this procedure. With the
above adjustment made, the converter is now
calibrated.
SP8480
OFFSET ADJUST
100K
Ω
+15V
5K
Ω
–1.5mV to +3mV
4
Figure 1. Offset Adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com