Electronic Components Datasheet Search
  English  ▼

X  

AD9945 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9945
Description  CCD Signal Processor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9945 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9945_13 Datasheet HTML 4Page - Analog Devices AD9945_13 Datasheet HTML 5Page - Analog Devices AD9945_13 Datasheet HTML 6Page - Analog Devices AD9945_13 Datasheet HTML 7Page - Analog Devices AD9945_13 Datasheet HTML 8Page - Analog Devices AD9945_13 Datasheet HTML 9Page - Analog Devices AD9945_13 Datasheet HTML 10Page - Analog Devices AD9945_13 Datasheet HTML 11Page - Analog Devices AD9945_13 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
–8–
AD9945
INTERNAL REGISTER DESCRIPTION
Table I. Internal Register Map
Register
Address Bits
Name
Data Bits
Function
Operation
D0
Software Reset (0 = Normal Operation, 1 = Reset all registers to default)
D2, D1
Power-Down Modes (00 = Normal Power, 01 = Standby, 10 = Total Shutdown)
D3
OB Clamp Disable (0 = Clamp ON, 1 = Clamp OFF)
D5, D4
Test Mode. Should always be set to 00.
D6
PBLK Blanking Level (0 = Blank Output to Zero, 1 = Blank to OB Clamp Level)
Control
D0
SHP/SHD Input Polarity (0 = Active Low, 1 = Active High)
D1
DATACLK Input Polarity (0 = Active Low, 1 = Active High)
D2
CLPOB Input Polarity (0 = Active Low, 1 = Active High)
D3
PBLK Input Polarity (0 = Active Low, 1 = Active High)
D4
Three-State Data Outputs (0 = Outputs Active, 1 = Outputs Three-Stated)
D5
Data Output Latching (0 = Latched by DATACLK, 1 = Latch is Transparent)
D6
Data Output Coding (0 = Binary Output, 1 = Gray Code Output)
D11 to D7
Test Mode. Should always be set to 00000.
Clamp Level
D7 to D0
OB Clamp Level (0 = 0 LSB, 255 = 255 LSB)
VGA Gain
D9 to D0
VGA Gain (0 = 6 dB, 1023 = 40 dB)
REV.
C
A3 A2 A1 A0
0
0
0
0
0
0
0
1
0
0
1
0
0
0
1
1
Startup
1
1
0
1
D11 to D0
Required start-up write must be set to 0x838.
NOTE: All register values default to 0x0000 at power-up except clamp level, which defaults to 128 decimal (128 LSB clamp level).
Low Gain Mode. Normally set to 00. To enable low gain mode, set to 11. When low gain mode
is enabled, VGA Gain register must be set to all zeroes.
Test Mode. Should always be set to 000.
D8, D7
D11 to D9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com