Electronic Components Datasheet Search
  English  ▼

X  

2CL105 Datasheet(PDF) 1 Page - Anshan Leadsun Electronics Co., Ltd

Part # 2CL105
Description  High Voltage Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSUN [Anshan Leadsun Electronics Co., Ltd]
Direct Link  http://www.hv-semi.com/en/
Logo LEADSUN - Anshan Leadsun Electronics Co., Ltd

2CL105 Datasheet(HTML) 1 Page - Anshan Leadsun Electronics Co., Ltd

  2CL105 Datasheet HTML 1Page - Anshan Leadsun Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Voltage Diode
TEL: +86-412-2660889
FAX: +86-412-2663889
Email: leadsun@hv-semi.com
Http: // www.hv-semi.com
2CL105(9KV 0.45A)
LEADSUN ELECTRONICS
FEATURES
Low leakage, low power, high surge
Highly efficient reaction time
Tj:-40℃~+130℃
Avalanche breakdown protection
Polyimide passivation technology
Epoxy resin molding, integrated encapsulation
ROHS compliant
SYMBOL
MIN
MAX
in
mm
in
mm
A
-
-
-
-
0.866
22
D
-
-
0.295
7.5
B
0.866
22
-
-
C
-
-
0.047
1.2
Electrical Characteristics
(Tamb=25℃, unless otherwise
specified )
Symbol
Conditions
Rated Value
Unit
Repetitive Peak Reverse Voltage
VRRM
9
KV
Working Peak Reverse Voltage
VRWM
9
KV
Average Forward Current max.
IO
Tbreak=50℃
0.45
A
Max. Surge Current
IFSM
30
A
Max. Forward Voltage Drop
VFM
Ta=25℃
10.0
V
Max. Reverse Current
IRRM
5.0
μA
Max. Temperature Junction
TJ
130
℃
Storage Temperature Range
Tstg
-40~+130
℃


Similar Part No. - 2CL105

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL105 EDI-2CL105 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL105 GETEDZ-2CL105 Datasheet
80Kb / 1P
9kV 450mA HIGH VOLTAGE DIODE
More results

Similar Description - 2CL105

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
High Voltage Diode
2CL72 LEADSUN-2CL72 Datasheet
334Kb / 1P
High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
High Voltage Diode
HVD37-08F LEADSUN-HVD37-08F Datasheet
298Kb / 1P
High Voltage Diode
HVRT250 LEADSUN-HVRT250 Datasheet
287Kb / 1P
High Voltage Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com