Electronic Components Datasheet Search
  English  ▼

X  

HM1N60PR Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM1N60PR
Description  SiliconN-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM1N60PR Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM1N60PR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM1N60PR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Source-Drain Diode Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
IS
Continuous Source Current (Body Diode)
--
--
1.0
A
ISM
Maximum Pulsed Current (Body Diode)
--
--
4.0
A
VSD
Diode Forward Voltage
IS=1.0A,VGS=0V
--
--
1.5
V
trr
Reverse Recovery Time
--
140
ns
Qrr
Reverse Recovery Charge
--
224
nC
IRRM
Reverse Recovery Current
IS=1.0A,Tj = 25°C
dIF/dt=100A/us,
VGS=0V
--
3.2
A
Pulse width tp≤380µs,δ≤2%
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
41.7
℃
/W
RθJA
Junction-to-Ambient
200
℃
/W
a1:Repetitive rating; pulse width limited by maximum junction temperature
a2:L=10.0mH, ID=3.7A, Start TJ=25℃
a3:ISD =1.2A,di/dt ≤100A/us,VDD≤BVDS, Start TJ=25℃
P a ge
3 of 10
Shenzhen H&M Semiconductor Co.Ltd
http://www.hmsemi.com
HM1N60



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com