Electronic Components Datasheet Search
  English  ▼

X  

HCF4020BEY Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4020BEY
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4020BEY Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4020BEY Datasheet HTML 1Page - STMicroelectronics HCF4020BEY Datasheet HTML 2Page - STMicroelectronics HCF4020BEY Datasheet HTML 3Page - STMicroelectronics HCF4020BEY Datasheet HTML 4Page - STMicroelectronics HCF4020BEY Datasheet HTML 5Page - STMicroelectronics HCF4020BEY Datasheet HTML 6Page - STMicroelectronics HCF4020BEY Datasheet HTML 7Page - STMicroelectronics HCF4020BEY Datasheet HTML 8Page - STMicroelectronics HCF4020BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCF4020B
5/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ,tr =tf =20ns)
(*) Typical temperature coefficient for all VDD value is 0.3%/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
INPUT-PULSE OPERATION
tPLH tPHL Propagation Delay Time
(
∅ to Q1 Out)
5
180
360
ns
10
80
160
15
65
130
tPLH tPHL Propagation Delay Time
(Qn to Qn+1)
5
100
200
ns
10
40
80
15
30
60
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Minimum Input Pulse
Width
570
140
ns
10
30
60
15
20
40
tr ,tf
Input Pulse Rise and Fall
Time
5
unlimited
µs
10
15
fmax
Maximum Clock Input
Frequency
53.5
7
MHz
10
8
16
15
12
24
RESET OPERATION
tPHL
Propagation Delay Time
5
140
280
ns
10
60
120
15
50
100
tW
Minimum Reset Pulse
Width
5
100
200
ns
10
40
80
15
30
60
tREM
Reset Removal Time
5
175
350
ns
10
75
150
15
50
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com