Electronic Components Datasheet Search
  English  ▼

X  

BAV99L Datasheet(PDF) 1 Page - ON Semiconductor

Part # BAV99L
Description  Monolithic Dual Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV99L Datasheet(HTML) 1 Page - ON Semiconductor

  BAV99L Datasheet HTML 1Page - ON Semiconductor BAV99L Datasheet HTML 2Page - ON Semiconductor BAV99L Datasheet HTML 3Page - ON Semiconductor BAV99L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
September, 2004 − Rev. 3
1
Publication Order Number:
BAV99LT1/D
BAV99LT1
Preferred Device
Dual Series
Switching Diode
Features
• Pb−Free Packages are Available
MAXIMUM RATINGS (Each Diode)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
V
Average Rectified Forward Current (Note 1)
(averaged over any 20 ms period)
IF(AV)
715
mA
Repetitive Peak Forward Current
IFRM
450
mA
Non−Repetitive Peak Forward Current
t = 1.0
ms
t = 1.0 ms
t = 1.0 s
IFSM
2.0
1.0
0.5
A
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1) TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2)
TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
− 65 to
+150
°C
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in 99.5% alumina.
Device
Package
Shipping†
ORDERING INFORMATION
CASE 318
SOT−23
STYLE 11
BAV99LT1
SOT−23
3000/Tape & Reel
MARKING DIAGRAM
A7 M
A7 = Device Code
M = Date Code
1
2
3
Preferred devices are recommended choices for future use
and best overall value.
3
CATHODE/ANODE
ANODE
1
CATHODE
2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAV99LT3G
SOT−23
(Pb−Free)
10,000/Tape & Reel
BAV99LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
BAV99LT3
SOT−23
10,000/Tape & Reel
http://onsemi.com


Similar Part No. - BAV99L

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BAV99L TSC-BAV99L Datasheet
227Kb / 4P
225mW SMD Switching Diode
logo
ON Semiconductor
BAV99L ONSEMI-BAV99L Datasheet
80Kb / 3P
Dual Series Switching Diode
October, 2016 ??Rev. 12
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
logo
Diotec Semiconductor
BAV99L DIOTEC-BAV99L Datasheet
645Kb / 3P
Diode Array 1 Pair Series Connection 75 V 215mA Surface Mount TO-236-3, SC-59, SOT-23-3
Version 2022-02-07
logo
Unisonic Technologies
BAV99L-AE3-R UTC-BAV99L-AE3-R Datasheet
98Kb / 4P
HIGH CONDUCTANCE ULTRA FAST DIODE
More results

Similar Description - BAV99L

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAV74LT1 MOTOROLA-BAV74LT1 Datasheet
72Kb / 4P
Monolithic Dual Switching Diode
logo
Zowie Technology Corpor...
MMBD2836 ZOWIE-MMBD2836 Datasheet
49Kb / 2P
MONOLITHIC DUAL SWITCHING DIODE
logo
Leshan Radio Company
BAV170LT1 LRC-BAV170LT1 Datasheet
38Kb / 2P
Monolithic Dual Switching Diode
BAV74LT1 LRC-BAV74LT1 Datasheet
46Kb / 2P
Monolithic Dual Switching Diode
logo
Micro Commercial Compon...
MMBD6100 MCC-MMBD6100 Datasheet
290Kb / 2P
Monolithic Dual Switching Diode
logo
Zowie Technology Corpor...
MMBD2836G ZOWIE-MMBD2836G Datasheet
44Kb / 2P
Monolithic Dual Switching Diode
logo
ON Semiconductor
BAV74LT1G ONSEMI-BAV74LT1G Datasheet
122Kb / 3P
Monolithic Dual Switching Diode
August, 2009 ??Rev. 5
logo
Leshan Radio Company
LBAV70TT1G LRC-LBAV70TT1G_15 Datasheet
125Kb / 3P
Monolithic Dual Switching Diode
LBAW56DW1T1G LRC-LBAW56DW1T1G_15 Datasheet
165Kb / 3P
Monolithic Dual Switching Diode
logo
ON Semiconductor
MMBD6100LT1G ONSEMI-MMBD6100LT1G Datasheet
89Kb / 3P
Monolithic Dual Switching Diode
October, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com