Electronic Components Datasheet Search
  English  ▼

X  

RN1413 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # RN1413
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1413 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  RN1413 Datasheet HTML 1Page - Toshiba Semiconductor RN1413 Datasheet HTML 2Page - Toshiba Semiconductor RN1413 Datasheet HTML 3Page - Toshiba Semiconductor RN1413 Datasheet HTML 4Page - Toshiba Semiconductor RN1413 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RN1412,RN1413
2001-06-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1412,RN1413
Switching, Inverter Circuit, Interface Circuit
And Driver Circuit Applications
l With built-in bias resistors
l Simplify circuit design
l Reduce a quantity of parts and manufacturing process
l Complementary to RN2412, RN2413
Equivalent Circuit
Maximum Ratings (Ta = 25
°°°°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
100
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~125
°C
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
―
VCB = 50V, IE = 0
―
―
100
nA
Emitter cut-off current
IEBO
―
VEB = 5V, IC = 0
―
―
100
nA
DC current gain
hFE (note)
―
VCE = 5V, IC = 1mA
120
―
700
Collector-emitter saturation voltage
VCE (sat)
―
IC = 5mA, IB = 0.25mA
―
0.1
0.3
V
Transition frequency
fT
―
VCE = 10V, IC = 5mA
―
250
―
MHz
Collector output capacitance
Cob
―
VCB = 10V, IE = 0, f = 1MHz
―
3
6
pF
RN1412
15.4
22
28.6
Input resistor
RN1413
R1
―
―
32.9
47
61.1
k
W
JEDEC
TO-236MOD
EIAJ
SC-59
TOSHIBA
2-3F1A
Weight: 0.012g
Unit: mm


Similar Part No. - RN1413

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
RN1410 TOSHIBA-RN1410 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410 Datasheet
177Kb / 5P
Switching, Inverter Circuit, Interface Circuit
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1411 TOSHIBA-RN1411 Datasheet
161Kb / 5P
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
More results

Similar Description - RN1413

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1112 TOSHIBA-RN1112_07 Datasheet
267Kb / 5P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1970HFE TOSHIBA-RN1970HFE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4985FE TOSHIBA-RN4985FE Datasheet
260Kb / 6P
Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com