Electronic Components Datasheet Search
  English  ▼

X  

TSH300ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH300ID
Description  Ultra Low-Noise High-Speed Operational Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH300ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH300ID Datasheet HTML 5Page - STMicroelectronics TSH300ID Datasheet HTML 6Page - STMicroelectronics TSH300ID Datasheet HTML 7Page - STMicroelectronics TSH300ID Datasheet HTML 8Page - STMicroelectronics TSH300ID Datasheet HTML 9Page - STMicroelectronics TSH300ID Datasheet HTML 10Page - STMicroelectronics TSH300ID Datasheet HTML 11Page - STMicroelectronics TSH300ID Datasheet HTML 12Page - STMicroelectronics TSH300ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Electrical Characteristics
TSH300
9/18
Figure 25. Distortion vs. Vout, SO8
Figure 26. Distortion vs. Vout, SOT23-5L
Figure 27. Slew-rate
Figure 28. Reverse isolation vs. frequency
Figure 29. Quiescent current vs. Vcc
Figure 30. Vout max vs. Vcc
0
123
4
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
HD3
HD2
Vcc=+5V
Gain=+5, Rfb=200
Ω
S08
F=10MHz
Load=100
Ω
Output Amplitude (Vp-p)
0
123
4
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
HD3
HD2
Vcc=+5V
Gain=+5, Rfb=200
Ω
SOT23-5
F=10MHz
Load=100
Ω
Output Amplitude (Vp-p)
02
4
6
8
10
12
14
0,0
0,5
1,0
1,5
2,0
Vcc=+5V
SO8/SOT23-5
Gain=+5 (Rfb=200
Ω)
Load=100
Ω
Time (ns)
100k
1M
10M
100M
1G
-100
-80
-60
-40
-20
0
Vcc=+5V
Small Signal
SO8/SOT23-5
Load=100
Ω
Frequency (Hz)
0,0
0,5
1,01,5
2,02,5
3,03,5
4,04,5
5,0
-15
-10
-5
0
5
10
15
Vcc=+5V
SO8/SOT23-5
Gain=+5 (Rfb=200
Ω)
Input to mid-supply (+2.5V)
no load
Icc(+)
Icc(-)
Vcc (V)
012
34
5
-2
-1
0
1
2
3
4
5
Vcc=+5V
SO8/SOT23
Gain=+5 (Rfb=200
Ω)
F=10MHz
Load=100
Ω
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com