Electronic Components Datasheet Search
  English  ▼

X  

2SCRC41C Datasheet(PDF) 11 Page - Rohm

Part # 2SCRC41C
Description  High-voltage Amplifier Transistor (120V, 50mA)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCRC41C Datasheet(HTML) 11 Page - Rohm

Back Button 2SCRC41C Datasheet HTML 3Page - Rohm 2SCRC41C Datasheet HTML 4Page - Rohm 2SCRC41C Datasheet HTML 5Page - Rohm 2SCRC41C Datasheet HTML 6Page - Rohm 2SCRC41C Datasheet HTML 7Page - Rohm 2SCRC41C Datasheet HTML 8Page - Rohm 2SCRC41C Datasheet HTML 9Page - Rohm 2SCRC41C Datasheet HTML 10Page - Rohm 2SCRC41C Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Datasheet
Part Number
2SC4102U3
Package
UMT3
Unit Quantity
3000
Minimum Package Quantity
3000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
2SC4102U3 - Web Page
Distribution Inventory
Buy



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com