Electronic Components Datasheet Search
  English  ▼

X  

PSD813F2V Datasheet(PDF) 6 Page - STMicroelectronics

Part # PSD813F2V
Description  Flash In-System Programmable (ISP) Peripherals for8-bits MCUs, 3V
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2V Datasheet(HTML) 6 Page - STMicroelectronics

Back Button PSD813F2V Datasheet HTML 2Page - STMicroelectronics PSD813F2V Datasheet HTML 3Page - STMicroelectronics PSD813F2V Datasheet HTML 4Page - STMicroelectronics PSD813F2V Datasheet HTML 5Page - STMicroelectronics PSD813F2V Datasheet HTML 6Page - STMicroelectronics PSD813F2V Datasheet HTML 7Page - STMicroelectronics PSD813F2V Datasheet HTML 8Page - STMicroelectronics PSD813F2V Datasheet HTML 9Page - STMicroelectronics PSD813F2V Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
PSD813F2V, PSD833F2V, PSD853F2V, PSD854F2V
6/110
SUMMARY DESCRIPTION
The PSD8XXFX family of memory systems for mi-
crocontrollers (MCUs) brings In-System-Program-
mability (ISP) to Flash memory and programmable
logic. The result is a simple and flexible solution for
embedded designs. PSD devices combine many
of the peripheral functions found in MCU based
applications.
Table 1 summarizes all the devices in the
PSD834F2, PSD853F2, PSD854F2.
The CPLD in the PSD devices features an opti-
mized macrocell logic architecture. The PSD mac-
rocell
was
created
to
address
the
unique
requirements of embedded system designs. It al-
lows direct connection between the system ad-
dress/data bus, and the internal PSD registers, to
simplify communication between the MCU and
other supporting devices.
The PSD device includes a JTAG Serial Program-
ming interface, to allow In-System Programming
(ISP) of the entire device. This feature reduces de-
velopment time, simplifies the manufacturing flow,
and dramatically lowers the cost of field upgrades.
Using ST’s special Fast-JTAG programming, a de-
sign can be rapidly programmed into the PSD in as
little as seven seconds.
The innovative PSD8XXFX family solves key
problems faced by designers when managing dis-
crete Flash memory devices, such as:
–
First-time In-System Programming (ISP)
–
Complex address decoding
–
Simultaneous read and write to the device.
The JTAG Serial Interface block allows In-System
Programming (ISP), and eliminates the need for
an external Boot EPROM, or an external program-
mer. To simplify Flash memory updates, program
execution is performed from a secondary Flash
memory while the primary Flash memory is being
updated. This solution avoids the complicated
hardware and software overhead necessary to im-
plement IAP.
ST makes available a software development tool,
PSDsoft Express, that generates ANSI-C compli-
ant code for use with your target MCU. This code
allows you to manipulate the non-volatile memory
(NVM) within the PSD. Code examples are also
provided for:
–
Flash memory IAP via the UART of the host
MCU
–
Memory paging to execute code across
several PSD memory pages
–
Loading, reading, and manipulation of PSD
macrocells by the MCU.
Table 1. Product Range
Note: 1. All products support: JTAG serial ISP, MCU parallel ISP, ISP Flash memory, ISP CPLD, Security features, Power Management
Unit (PMU), Automatic Power-down (APD)
2. SRAM may be backed up using an external battery.
Part Number(1)
Primary Flash
Memory
(8 Sectors)
Secondary
Flash Memory
4 Sectors)
SRAM(2) I/O Ports
Number of
Macrocells
Serial
ISP
JTAG/
ISC Port
Turbo
Mode
Input
Output
PSD813F2
1 Mbit
256 Kbit
16 Kbit
27
24
16
yes
yes
PSD813F3
1 Mbit
none
16 Kbit
27
24
16
yes
yes
PSD813F4
1 Mbit
256 Kbit
none
27
24
16
yes
yes
PSD813F5
1 Mbit
none
none
27
24
16
yes
yes
PSD833F2
1 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes
PSD834F2
2 Mbit
256 Kbit
64 Kbit
27
24
16
yes
yes
PSD853F2
1 Mbit
256 Kbit
256 Kbit
27
24
16
yes
yes
PSD854F2
2 Mbit
256 Kbit
256 Kbit
27
24
16
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com