Electronic Components Datasheet Search
  English  ▼

X  

2SCR583D3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR583D3
Description  NPN 7A 50V Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR583D3 Datasheet(HTML) 1 Page - Rohm

  2SCR583D3 Datasheet HTML 1Page - Rohm 2SCR583D3 Datasheet HTML 2Page - Rohm 2SCR583D3 Datasheet HTML 3Page - Rohm 2SCR583D3 Datasheet HTML 4Page - Rohm 2SCR583D3 Datasheet HTML 5Page - Rohm 2SCR583D3 Datasheet HTML 6Page - Rohm 2SCR583D3 Datasheet HTML 7Page - Rohm 2SCR583D3 Datasheet HTML 8Page - Rohm 2SCR583D3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2SCR583D3
NPN 7A 50V Power Transistor
Datasheet
l
lOutline
Parameter
Value
 
 
  DPAK
 
VCEO
50V
 
 
IC
7A
 
 
TO-252
 
l
lFeatures
l
lInner circuit
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR583D3.
3) Low VCE(sat)
  VCE(sat)=350mV(Max.). (IC/IB=3A/150mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
2SCR583D3
TO-252
(DPAK)
TL1
330
16
2500
2SCR583D3
TL
                                                                                         
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
1/7
20181019 - Rev.001


Similar Part No. - 2SCR583D3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SCR583D3 ISC-2SCR583D3 Datasheet
332Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
NPN 7A 50V Power Transistor
20220315 - Rev.001
More results

Similar Description - 2SCR583D3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
logo
ON Semiconductor
2SA2016 ONSEMI-2SA2016 Datasheet
359Kb / 8P
Bipolar Transistor (-)50V, (-)7A, Low VCE(sat), (PNP)NPN Single PCP
September, 2013
logo
Rohm
2SCR573D3 ROHM-2SCR573D3 Datasheet
1Mb / 11P
NPN 3.0A 50V Power Transistor
2SAR583D3 ROHM-2SAR583D3 Datasheet
1Mb / 11P
PNP -7A -50V Power Transistor
2SAR583D3FRA ROHM-2SAR583D3FRA Datasheet
1Mb / 9P
PNP -7A -50V Power Transistor
20220315 - Rev.001
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
NPN 7A 50V Power Transistor
20220315 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com