Electronic Components Datasheet Search
  English  ▼

X  

PSR11D Datasheet(PDF) 2 Page - KODENSHI_AUK CORP.

Part # PSR11D
Description  composed of a modulated infrared emitting diode at the light-emitting side and a modulated photo IC at the light receiving side
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

PSR11D Datasheet(HTML) 2 Page - KODENSHI_AUK CORP.

  PSR11D Datasheet HTML 1Page - KODENSHI_AUK CORP. PSR11D Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ペーパセンサ PAPER SENSORS
PSR11D/L
10
20
30
40
−30
−20 −10
0
+
10
+
20
+
30
0
50
100
020
40
60
)
(
(%)
(℃)
■検出距離/角度特性 R/θ
■動作位置/移動距離特性 hR/x
■検出距離/周囲温度特性 R/Ta
(mm)
■検出距離/角度特性 R/θ
周囲温度 Ta
Ambient temperature
角度 θ
Angle
θ
ーθ
10
20
30
40
−30
−20 −10
0
+
10
+
20
+
30
)
(
(mm)
角度 θ
Angle
θ
ーθ
5
10
0
15
20
25
30
−3
−2
−1
0
+
1
+
2
+
3 (mm)
(mm)
移動距離 x
Position
■動作位置/移動距離特性 hR/x
5
10
0
15
20
25
30
−3
−2
−1
0
+
1
+
2
+
3 (mm)
(mm)
移動距離 x
Position
OHP
Black Paper
OHP
Black Paper
+x
-x
+x
-x
Vcc=5V
Detection object
(Kodak 90% reflection paper)
Kodak90% reflection paper
Kodak90% reflection paper
Kodak 90% reflection paper
Kodak 90% reflection paper



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com