Electronic Components Datasheet Search
  English  ▼

X  

PR2VD0679 Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PR2VD0679
Description  PatchRunner??2 Vertical Cable Managers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PR2VD0679 Datasheet(HTML) 1 Page - PANDUIT CORP.

  PR2VD0679 Datasheet HTML 1Page - PANDUIT CORP. PR2VD0679 Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.panduit.com
specifications
The vertical cable manager shall consist of a metal backbone with cable
management fingers that align with EIA rack spacing. The fingers shall
be molded out of plastic and provide integral bend radius control
throughout the entire length. The backbone shall have pass through
holes for front to back cabling, with the option to blank off with a plug.
The manager shall accept a metal, hinged, push-to-close door that can
open to the right or left. The door support brackets shall be integrated
into the manager with no assembly required. The manager shall accept
plastic slack management spools that can be repositioned as required.
The vertical panel shall be able to manage all the cable on the rack
without the aid of horizontal cable managers.
PatchRunner™ 2 Vertical Cable Managers
SPECIFIC A TION SHEET
Vertical Cable Managers w/doors –
6.5 foot
Dual-sided with two doors:
6" wide:
PR2VD0679
12" wide:
PR2VD1279
Dual-sided with one door:
6" wide:
PR2VSD0679
12" wide:
PR2VSD1279
Single-sided with one door:
6" wide:
PR2VFD0679
12" wide:
PR2VFD1279
Standard EIA Racks – 6.5 foot
2 post rack:
R2P79
4 post rack:
R4P79
4 post rack:
R4PCN79
Vertical Cable Managers w/doors – 7 foot
Dual-sided with two doors:
6" wide:
PR2VD06^
8" wide:
PR2VD08^
10" wide:
PR2VD10^
12" wide:
PR2VD12^
Dual-sided with one door:
6" wide:
PR2VSD06^
8" wide:
PR2VSD08^
10" wide:
PR2VSD10^
12" wide:
PR2VSD12^
Single-sided with one door:
6" wide:
PR2VFD06^
8" wide:
PR2VFD08^
10" wide:
PR2VFD10^
12" wide:
PR2VFD12^
Vertical Cable Managers w/doors – 8 foot
Dual-sided with two doors:
6" wide:
PR2VD0696^
8" wide:
PR2VD0896^
10" wide:
PR2VD1096^
12" wide:
PR2VD1296^
Dual-sided with one door:
6" wide:
PR2VSD0696^
8" wide:
PR2VSD0896^
10" wide:
PR2VSD1096^
12" wide:
PR2VSD1296^
Single-sided with one door:
6" wide:
PR2VFD0696^
8" wide:
PR2VFD0896^
10" wide:
PR2VFD1096^
12" wide:
PR2VFD1296^
Standard EIA Racks – 7 foot
2-Post aluminum rack with #12-24
threaded rails:
R2P*^
4-Post steel rack with #12-24
threaded rails:
R4P*^
4-Post steel rack with cage
nut rails:
R4PCN*^
Accessories
7" front slack management
spool:
PRSP7
5" rear slack management
spool:
PRSP5
End panel:
PR2VEP*^
Cable retainer:
WR5E-X
Waterfall for use with 2-post rack
and PR2V managers:
R2PPR2VWF^
Waterfall for use with R4P 4-post rack
and PR2V managers:
R4PPR2VWF^
Pass-through hole blanking plugs
(kit of five plugs):
PR2VBPK
Pass-through bend radius grommets
(Kit of five grommets):
PR2VGK
*For part numbers 8 feet tall, add "96" to end of part number.
Ex: PR2VEP96 or R2P96
^For part numbers in white, add "WH" to end of part number.
Ex: PR2VD06WH or R2PWH
applications
PatchRunner™2 Vertical Cable Managers are
designed to manage high-density networking
equipment in, up to, half the area required by
traditional cable management systems. Molded
cable management fingers, with integral bend
radius control, combine with Panduit angled
patch panels to eliminate the need for
horizontal cable managers.This frees up rack
space for additional patch panels, active
equipment, or cable pathways reducing the
number of racks that may be required for the
network layout. The reduction in square footage
combined with fewer components ordered,
inventoried and installed results in significant
cost savings for the network infrastructure.
When used with Panduit connectivity, patch
cords, and racks, the user receives a complete
cable management solution that maximizes
density while minimizing the area required for
their network.
key features and benefits
NEW Improved door function
“Push-to-close” door design allows for easy operation
NEW Dual hinged doors are
included
Doors ship with managers, simplifying ordering process with
less packaging waste
NEW Integrated door
brackets
No brackets to install; faster installation while reducing labor
costs
NEW Color options
Managers and doors are available in black and white
NEW High Density with
increased cable capacity
Up to 17% more usable capacity over existing PRV
Vertical Managers
Curved fingers
Support cables as they transition to vertical pathway eliminating
need for horizontal managers
Individual fingers
Aligns with rack spaces to simplify cable routing changes
Integral bend radius control
Maintains cable bend radius ensuring network performance and
system reliability
Optional snap on vertical
retainers
Can be placed on fingers to help retain cables in channel for
improved cable management and appearance
Optional slack management
spools
Organize and manage patch cord slack allowing for
standardization of patch cord lengths


Similar Part No. - PR2VD0679

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR2 CML-PR2 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR2 VCC-PR2 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Same Sky Devices
PR2 SAMESKY-PR2 Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-12V-450-1A SAMESKY-PR2-12V-450-1A Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
PR2-12V-450-1C SAMESKY-PR2-12V-450-1C Datasheet
410Kb / 6P
POWER RELAY
09/12/2024
More results

Similar Description - PR2VD0679

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A Datasheet
719Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
logo
Molex Electronics Ltd.
0510520200 MOLEX7-0510520200 Datasheet
258Kb / 3P
2.50mm (.098") Pitch Cable Holder, Vertical, for Ribbon Cable, 2 Circuits
logo
Summit Microelectronics...
SMB113A SUMMIT-SMB113A_10 Datasheet
481Kb / 32P
High-power, Four-channel Programmable DC-DC System Power Managers
SMB211 SUMMIT-SMB211 Datasheet
34Kb / 1P
Programmable Power Managers with Digital Power Control
SMB214A SUMMIT-SMB214A_10 Datasheet
309Kb / 27P
High-power, Three-channel Programmable DC-DC System Power Managers
logo
List of Unclassifed Man...
PRD10 ETC2-PRD10 Datasheet
71Kb / 1P
10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
PANDUIT CORP.
PRD10 PANDUIT-PRD10 Datasheet
71Kb / 1P
10 PATCHRUNNER DOOR CUSTOMER DRAWING
logo
Hubbell Incorporated.
HJWM24 HUBBELL-HJWM24 Datasheet
230Kb / 1P
Cobra-Lock??Termination Wire Managers
logo
PANDUIT CORP.
WMP1E PANDUIT-WMP1E Datasheet
838Kb / 2P
PatchLink ??Horizontal Cable Managers
5/2016
logo
List of Unclassifed Man...
90662-30 ETC-90662-30 Datasheet
309Kb / 1P
High Back Managers Chair
02-01-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com