Electronic Components Datasheet Search
  English  ▼

X  

AT1396B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT1396B
Description  Preliminary Product Information 6-Channel DC-DC Converter for DS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1396B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT1396B Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 10Page - List of Unclassifed Manufacturers AT1396B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AT1396A/B/C/D
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
7
REVD: 05/05/23
Input Voltage Range
PVCC4 Channel 4,5,6 DC/DC
1.2
-
6.0
V
Normal Operating
Soft-Start Charge Current
ISS4/5/6 VCC =2.5V~5.5V
0.8
1
1.5
µA
FB4/5/6 Regulation
Voltage
VFB4/5/6
Ta=-20°C ~+85°C,
FB_=COMP_
0.784
0.8
0.816
V
FB5 Regulation Voltage
for LED Driver
VFB5
Ta=-20°C ~+85°C,
FB5=COMP5
0.19
0.20
0.21
V
FB5H OVP Trip Level
VFB5H Ta=-20°C ~+85°C,
0.98
1.00
1.02
V
Error Amplifier Voltage
Gain
AV
DC
80
-
-
dB
Error Amplifier Frequency
Bandwidth
BW
AV=0dB
-
5
-
MHz
VOH
-
1.0
-
V
Error Amplifier Output
Voltage
VOL
-
10
-
mV
Isource COMP=0.8V
-
-0.5
-
mA
Error Amplifier Output
Source Current
Isink
COMP=0.8V
-
60
-
µA
DMAX FB_=0.7V
85
90
95
%
Maximum Duty Cycle
DMAX FB5=0.1V
85
90
95
%
Output Source Current
Isource DUTY=90%,OUT=1/2VCC
-
-130
-80
mA
Output Sink Current
Isink
DUTY=0%,OUT=1/2VCC
65
100
-
mA
ROH OUT=-15mA
-
18
30
Ω
Output On-Resistor
ROL
OUT=15mA
-
16
25
Ω
SHORT CIRCUIT PROTECTION
Threshold Voltage
VTH CH3,CH4,CH5,CH6
-
0.9
-
V
CSCP Charge Current
ICSCP
0.8
1.0
1.5
µA
CONTROL BLOCK
VIH
PVCC1=VCC=1.5 ~5.5V
1.1
-
VCC
V
CTLU input Voltage
VIL
PVCC1=VCC=1.5 ~5.5V
0
-
0.5
V
VIH
PVCC1 , 2=VCC=1.5 ~5.5V
CTLD=VIH
1.1
-
VCC
V
CTLD input Voltage
VIL
PVCC1 , 2=VCC=1.5 ~5.5V
CTLD=VIH
0
-
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com