Electronic Components Datasheet Search
  English  ▼

X  

AT1396C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT1396C
Description  Preliminary Product Information 6-Channel DC-DC Converter for DS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1396C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT1396C Datasheet HTML 2Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 3Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 4Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 5Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 6Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 7Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 8Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 9Page - List of Unclassifed Manufacturers AT1396C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AT1396A/B/C/D
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
6
REVD: 05/05/23
LX Leakage Current
ILX2
VLX=0~3.6V,PVCC2=3.6V
-
1
5
µA
RN
N-Channel
-
95
150
m
Ω
Switch On-Resistance
RP
P-Channel
-
150
250
m
Ω
P-Channel Current Limit
ILimit2
1.0
1.2
1.4
A
N-Channel Turn-off
Current
IREV2
-
20
-
mA
/SDOK Output Low
Voltage
VSDOK 0.1mA into /SDOK
-
0.01
0.1
V
/SDOK Leakage current
IL_SDOK CTLD=0V,/SDOK=5.5V
-
0.1
1
µA
CHANNEL 3
Input Voltage Range
PVCC3 Channel 3 DC/DC
1.2
-
6.0
V
Normal Operating
Soft-Start Charge Current
ISS3
VCC =2.5V~5.5V
0.8
1
1.5
µA
FB3 input Current
IFB3
FB3=0.8V
-
-
100
nA
FB3 Regulation Voltage
VFB3
Ta=-20°C ~+85°C,
FB3=COMP3
0.784
0.8
0.816
V
Error Amplifier Voltage
Gain
AV
DC
80
-
-
dB
Error Amplifier Frequency
Bandwidth
BW
AV=0dB
-
5
-
MHz
VOH
-
1.0
-
V
Error Amplifier Output
Voltage
VOL
-
10
-
mV
Isource COMP=0.8V
-
-0.5
-
mA
Error Amplifier Output
Source Current
Isink
COMP=0.8V
-
60
-
µA
Output Source Current
Isource DUTY=90%,OUT=1/2VCC
-
-130
-80
mA
Output Sink Current
Isink
DUTY=0%,OUT=1/2VCC
65
100
-
mA
ROH OUT=-15mA
-
18
30
Ω
Output On-Resistor
ROL
OUT=15mA
-
16
25
Ω
DMAX Step-Up Mode
85
90
95
%
Maximum Duty Cycle
DMAX Step-Down Mode
-
100
-
%
CHANNEL 4,5,6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com