Electronic Components Datasheet Search
  English  ▼

X  

222AMV Datasheet(PDF) 6 Page - CTS Corporation

Part # 222AMV
Description  6.2 x 6.2mm Compact Tactile Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

222AMV Datasheet(HTML) 6 Page - CTS Corporation

  222AMV Datasheet HTML 1Page - CTS Corporation 222AMV Datasheet HTML 2Page - CTS Corporation 222AMV Datasheet HTML 3Page - CTS Corporation 222AMV Datasheet HTML 4Page - CTS Corporation 222AMV Datasheet HTML 5Page - CTS Corporation 222AMV Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
©2018 CTS® Corporation. Information/product(s) subject to change. No warranty that product(s) will meet the stated specifications for customer specific applications or test
equipment. Visit www.ctscorp.com for list of applicable patent(s), more information, or to request a quote.
Series 222A
Tactile Switch
2018-6-28 Rev. A
www.ctscorp.com
Page 6 of 6
Surface Mount Gull Wing, Side Actuation, 222AMS1…
The Packing Specifications:
Structure and materials:
No
PART NAME
MATERIAL
①
REEL
POLYSTYRENE
②
CARRIER TAPE
POLYSTYRENE
③
COVER TAPE
POLYESTER
1.
Packing quantity: 500 pcs/reel
2.
More than 10 empty pockets should remain at each end of the carrier tape for each reel.
3.
Shortage of less than 10 pcs a reel is acceptable but no more than 3 consecutive empty pockets
are allowed.
4.
Stripping strength of cover tape is between 10 gf to 70 gf and stripping angle should be within
165°~180°.
5.
The product in the pocket of the carrier tape should be placed in a specified correct position.
6.
Tape and reel per EIA-481.
7.
Dimensions:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com