Electronic Components Datasheet Search
  English  ▼

X  

AT1396DN Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AT1396DN
Description  Preliminary Product Information 6-Channel DC-DC Converter for DS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT1396DN Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AT1396DN Datasheet HTML 16Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 17Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 18Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 19Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 20Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 21Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 22Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 23Page - List of Unclassifed Manufacturers AT1396DN Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AT1396A/B/C/D
Preliminary Product Information
6-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
21
REVD: 05/05/23
Figure 4. +15V and –7.5V CCD Bias with transformer
Figure 5. +15V and –7.5V CCD Bias with Charge-Pump Inversion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com