Electronic Components Datasheet Search
  English  ▼

X  

BC307B Datasheet(PDF) 1 Page - ON Semiconductor

Part # BC307B
Description  Amplifier Transistors(PNP Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC307B Datasheet(HTML) 1 Page - ON Semiconductor

  BC307B Datasheet HTML 1Page - ON Semiconductor BC307B Datasheet HTML 2Page - ON Semiconductor BC307B Datasheet HTML 3Page - ON Semiconductor BC307B Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Amplifier Transistors
PNP Silicon
MAXIMUM RATINGS
Rating
Symbol
BC307, B, C
BC308C
Unit
Collector – Emitter Voltage
VCEO
–45
–25
Vdc
Collector – Base Voltage
VCBO
–50
–30
Vdc
Emitter – Base Voltage
VEBO
–5.0
Vdc
Collector Current — Continuous
IC
–100
mAdc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
350
2.8
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
RqJA
357
°C/W
Thermal Resistance, Junction to Case
RqJC
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
BC307,B,C
(IC = –2.0 mAdc, IB = 0)
BC308C
V(BR)CEO
–45
–25
—
—
—
—
Vdc
Emitter – Base Breakdown Voltage
BC307,B,C
(IE = –100 mAdc, IC = 0)
BC308C
V(BR)EBO
–5.0
–5.0
—
—
—
—
Vdc
Collector–Emitter Leakage Current
(VCES = –50 V, VBE = 0)
BC307,B,C
(VCES = –30 V, VBE = 0)
BC308C
(VCES = –50 V, VBE = 0) TA = 125°C
BC307,B,C
(VCES = –30 V, VBE = 0) TA = 125°C
BC308C
ICES
—
—
—
—
–0.2
–0.2
–0.2
–0.2
–15
–15
–4.0
–4.0
nAdc
µA
Order this document
by BC307/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC307
BC307B
BC307C
BC308C
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1997
COLLECTOR
1
2
BASE
3
EMITTER
REV 1


Similar Part No. - BC307B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC307B MOTOROLA-BC307B Datasheet
110Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC307B PHILIPS-BC307B Datasheet
52Kb / 8P
PNP general purpose transistors
1997 Mar 07
logo
Fairchild Semiconductor
BC307B FAIRCHILD-BC307B Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC307B ONSEMI-BC307B Datasheet
93Kb / 4P
Amplifier Transistors
May, 2011 ??Rev. 5
More results

Similar Description - BC307B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
AMPLIFIER TRANSISTORS PNP SILICON
BD526 MOTOROLA-BD526 Datasheet
83Kb / 2P
PNP SILICON AMPLIFIER TRANSISTORS
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
Amplifier Transistors PNP Silicon
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
PNP SILICON AMPLIFIER TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com