Electronic Components Datasheet Search
  English  ▼

X  

2061621 Datasheet(PDF) 2 Page - SICK AG

Part # 2061621
Description  Plug Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

2061621 Datasheet(HTML) 2 Page - SICK AG

  2061621 Datasheet HTML 1Page - SICK AG 2061621 Datasheet HTML 2Page - SICK AG 2061621 Datasheet HTML 3Page - SICK AG 2061621 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
STL-2312-GM35AA3
Ordering information
Type
Part no.
STL-2312-GM35AA3
2061621
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Plug connectors and cables
Accessory family
Connection cables
Connection type head A
Female connector, JST, 8-pin, straight
Connection type head B
Male connector, M23, 12-pin, straight
Locking nut material
Zinc die-cast, nickel-plated
Cable
0.35 m, 8-wire, PUR, halogen-free
Jacket material
PUR, halogen-free
Cable diameter
Ø 5.6 mm
Conductor cross-section
4 x 2 x 0.15 mm²
Shielding
Shielded
Signal type
Incremental
Enclosure rating
IP66/ IP67
Description
Head A: female connector, JST, 8-pin, straight Head B: male connector, M23, 12-pin, straight
Cable: suitable for drag chain, PUR, halogen-free, shielded, 4 x 2 x 0.15 mm², Ø 5.6 mm
Ambient operating temperature
Stationary position –20 °C ... +130 °C
Classifications
ECl@ss 5.0
19030312
ECl@ss 5.1.4
19030312
ECl@ss 6.0
27060304
ECl@ss 6.2
27060304
ECl@ss 7.0
27060304
ECl@ss 8.0
27060304
ECl@ss 8.1
27060304
ECl@ss 9.0
27060304
ETIM 5.0
EC000830
ETIM 6.0
EC000830
UNSPSC 16.0901
26121604
2
| SICK
Online data sheet | 2019-01-29 21:21:18
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com