Electronic Components Datasheet Search
  English  ▼

X  

B38 Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # B38
Description  Single Row Terminal Blocks
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

B38 Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  B38 Datasheet HTML 1Page - Eaton All Rights Reserved. B38 Datasheet HTML 2Page - Eaton All Rights Reserved. B38 Datasheet HTML 3Page - Eaton All Rights Reserved. B38 Datasheet HTML 4Page - Eaton All Rights Reserved. B38 Datasheet HTML 5Page - Eaton All Rights Reserved. B38 Datasheet HTML 6Page - Eaton All Rights Reserved. B38 Datasheet HTML 7Page - Eaton All Rights Reserved. B38 Datasheet HTML 8Page - Eaton All Rights Reserved. B38 Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
EATON www.eaton.com
A0 & CB0
Single RowTerminal Blocks
Part Numbering System
Family
Terminal Style
Base/End
Poles
Screw Options
Options
A0 - standard barrier
01 - handwired
02 - printed circuit
1 - mount end
2 - barrier end
02 to 30
07- steel SEMS
fully seated
C1 to C8 - 0.110˝ QC
L1 to L6 marking
options (pg 25)
Covers- (pg 26)
Terminal Styles- Inches(Millimeters)
Hardware Options
(Bulk ordering part numbers are in parentheses)
01
Handwired
07
Steel SEMS nickel-plated
(ACB0-SC)
02
Circuit Board
Jumpers
Quick Connects Blade Width 0.110” (For other orientations, contact factory)
OJ (0J12-J)
C1 (5C1-J)
C2 (5C2-J)
C4 (5C4-J)
C7 (5C7-J)
C8 (5C8-J)
0.425
(10.8)
0.138
(3.5)
0.138
(3.5)
0.031
(0.8)
0.047
(1.2)
0.197 (5.0)
0.031
(0.8)
0.138
(3.5)
Screw Options
(Bulk ordering part numbers are in parentheses)
0
7
A
0
0
7
C
0
B
04
Wire Wrap Tail
0.047
(1.2)
0.25
(6.35)
0.512
(13.0)
0.031
(0.8)
0.157
(4.0)
CB0 - closed back
02 - printed circuit
04 - wire wrap tail
1 - mount end
2 - barrier end
02 to 30
07- steel SEMS
fully seated
C1 to C8 - 0.110˝ QC
L1 to L6 marking
options (pg 25)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com