Electronic Components Datasheet Search
  English  ▼

X  

MSR860 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MSR860
Description  Design Considerations for Clamping Networks for Very High Voltage Monolithic Off-line PWM Controllers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MSR860 Datasheet(HTML) 2 Page - Motorola, Inc

  MSR860 Datasheet HTML 1Page - Motorola, Inc MSR860 Datasheet HTML 2Page - Motorola, Inc MSR860 Datasheet HTML 3Page - Motorola, Inc MSR860 Datasheet HTML 4Page - Motorola, Inc MSR860 Datasheet HTML 5Page - Motorola, Inc MSR860 Datasheet HTML 6Page - Motorola, Inc MSR860 Datasheet HTML 7Page - Motorola, Inc MSR860 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN1680
2
Motorola Applications Data
Figure 2. A Simple FLYBACK Configuration
Implementing a Clamping Network
C3
150
mF
Vout
Rp
100 m
1
16
14
Lleak
4
mH
4
VDCmains
330 V
+
MC
3337X
Rload
5
Vclamp
250 V
Dclamp
C6
10 nF
R6
3.6
C1
50
mF
Lp
250
mH
C5
10
mF
D1
1N4146
Aux
Int
C2
1 mF
MOC8101
R12
270
UP TI
Aux
R8
15 k
C4
100 n
R7
75 k
L3
5
mF
UP TI
X2
MBR20100
MC33374
RATIO_POW = –0.183
RATIO_AUX = –0.142
Int
12
15
16
2
3
7
17
6
13
10
+
As one can see from the picture,
φl1 and φl2 close through the air. As any (magnetic) medium, the air is affected by a Reluctance
ℜ, or its inverse, the permeance P. These permeances create in the primary and secondary two leakage inductance with a value
of:
Lleak = N2 ⋅ Pair, with N being the primary or secondary turns. As an effect, these parasitic leakage elements degrade the energy
transfer between the primary and secondary (ies). In a FLYBACK converter, the presence of the leakage element will a) generate
a voltage spike at turn–off and b) divert a portion of the primary current into the clamping network. Point a) implies the use of protec-
tion network to prevent a lethal drain voltage excursion while point b) explains the root of a degraded open–loop gain: the peak
current needs to be higher than theoretically calculated to deliver the full rated output power.
The Principle of a Protection Network
The goal of the clamping network is to prevent the drain voltage to exceed a given limit. For instance, in the new MOTOROLA
MC3337X family, the maximum voltage shall stay within 700 V. Worse case arises when the mains is a its highest level, e.g.
285 VAC in a universal mains application. To prevent the drain from reaching this value, Figure 2 shows how a perfect network
would work: when the MOSFET closes, the current builds–up in both primary and leakage coils. When the ON periods stops, the
MOSFET opens and interrupts its current. Since no current discontinuities can take place in an inductor, both magnetic fields col-
lapse and the voltage across the inductances reverses in an attempt to keep the amps–turn constant: Lp energy is thus coupled
to the secondary and gives birth to the output current charge. Since Lleakage cannot find a circulating path, it pulls–up 2 the drain
voltageuntilDclampstartstoconductandprotectstheswitcheratamaximumtheoreticallevelof:Vmains+Vclamp=650V.Figure 2b
shows the results of an INTUSOFT’s IsSpice4 (San–Pedro, CA) simulations. When all the leakage energy is released, a short
parasitic oscillation takes place involving Lleakage and all the parasitic capacitive elements present in the circuit (transformer’s pri-
mary capacitance, MOSFET’s Coss etc.)
CLIPPING EFFECT
Figure 2b. The Drain is Safely Clipped
Below 700 V at High Mains
Fosc +
1
2
@ p @ L
leak @
C
lump
300
100
–100
500
700
210.20U
211.20U
212.20U
213.20U
214.20U
X = 212.29U
Y = 650.84



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com