Electronic Components Datasheet Search
  English  ▼

X  

T25S16AFIPR Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # T25S16AFIPR
Description  3V 128M-BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI&QPI
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

T25S16AFIPR Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  T25S16AFIPR Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd T25S16AFIPR Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
1
3V 128M-BIT
SERIAL NOR FLASH WITH
DUAL AND QUAD SPI&QPI
V1.1
HM25Q128A


Similar Part No. - T25S16AFIPR

ManufacturerPart #DatasheetDescription
logo
Bright Moon Semiconduct...
T25S16LPCG BRIGHTMOON-T25S16LPCG Datasheet
960Kb / 62P
Serial Peripheral Interface(SPI)
Version2.0
T25S16LPCP BRIGHTMOON-T25S16LPCP Datasheet
960Kb / 62P
Serial Peripheral Interface(SPI)
Version2.0
T25S16LPIG BRIGHTMOON-T25S16LPIG Datasheet
960Kb / 62P
Serial Peripheral Interface(SPI)
Version2.0
T25S16LPIP BRIGHTMOON-T25S16LPIP Datasheet
960Kb / 62P
Serial Peripheral Interface(SPI)
Version2.0
T25S16LSCG BRIGHTMOON-T25S16LSCG Datasheet
960Kb / 62P
Serial Peripheral Interface(SPI)
Version2.0
More results

Similar Description - T25S16AFIPR

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q128BV WINBOND-W25Q128BV Datasheet
868Kb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIG WINBOND-W25Q128FVSIG_13 Datasheet
1Mb / 97P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32FV WINBOND-W25Q32FV Datasheet
969Kb / 99P
3V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128BV WINBOND-W25Q128BV_13 Datasheet
1Mb / 74P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q128FVSIF-TR WINBOND-W25Q128FVSIF-TR Datasheet
1Mb / 100P
3V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q256FVBIF-TR WINBOND-W25Q256FVBIF-TR Datasheet
1Mb / 108P
3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
logo
Shenzhen Huazhimei Semi...
HM25Q40A HMSEMI-HM25Q40A Datasheet
3Mb / 62P
3V 4M -BIT SERIAL NOR FLASH WITH DUAL AND QUAD SPI
logo
Winbond
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128JV WINBOND-W25Q128JV Datasheet
2Mb / 78P
3V 128M-bit serial flash memory with dual/quad spi
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com