Electronic Components Datasheet Search
  English  ▼

X  

LA6563 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA6563
Description  4CH Bridge (BTL) Driver for CD
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6563 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA6563 Datasheet HTML 1Page - Sanyo Semicon Device LA6563 Datasheet HTML 2Page - Sanyo Semicon Device LA6563 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA6563
No.7887-2/3
Electrical Characteristics at Ta = 25
°C, VCC = VS = 8V, VREF = 1.65V, VREF-SW = 3.3V,
MUTE1 = MUTE2 = MUTE3 = 3.3V, unless otherwise specified
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[Whole]
No-load current consumption 1
ICC-ON
All AMP output ON, MUTE; HI
30
45
mA
No-load current consumption 2
ICC-OFF
All AMP output OFF, MUTE; LOW
5
10
mA
No-load current consumption 3
ICC-OFF-STBY
All circuits OFF, STBY: L
1mA
STBY ON voltage
STBY-ON
2
V
STBY OFF voltage
STBY-OFF
0.5
V
STBY hysteresis voltage
STBY-HYS
80
mV
[Output AMP block]
Output offset voltage
VOFF
Between (+) and (-) output of each channel
-50
50
mV
Output voltage
VO
RL = 0Ω, Voltage between (+) and (-) output
of each channel *1
6
V
Closed circuit voltage gain
VG1
*2
5.4
6
6.6
times
Slew rate
SR
For output by AMP alone, it must be doubled *3
0.5
V/
µs
MUTE ON voltage
VMUTE-ON
MUTE *4
2
V
MUTE OFF voltage
VMUTE-OFF
MUTE *4
0.5
V
MUTE hysteresis voltage
VMUTE-HYS
80
mV
[Input OP-AMP block]
Output offset voltage
VIN-OFF
For BUFFER
-10
10
mV
Input voltage range
VIN-OP
0
VCC-1.5
V
Output current (SINK)
VIN-SINK
2
mA
Output current (SOURCE)
VIN-SOURCE
300
500
µA
[OP-AMP block]
Output offset voltage
OP-VOFF
For BUFFER
-10
10
mV
Input voltage range
OP-VIN
0
VCC-1.5
V
Output current (SINK)
OP-SINK
SINK current
10
mA
Output current (SOURCE)
OP-SOURCE
SOURCE current
10
mA
[VREF-AMP block]
VREF-AMP offset voltage
VOFF-VREF
VREF-SW “H”
(For external reference voltage selected)
-10
10
mV
Internal VREF voltage
VREF-CONST
VREF-SW “L”
(For internal reference voltage selected)
2.3
2.5
2.7
V
VREF input voltage range
1BIN
1
VCC-1.5
V
VREF switch voltage 1
VSW1
Select external reference voltage *5
3
V
VREF switch voltage 2
VSW2
Select internal reference voltage *5
1V
*1. Voltage for both ends of the load when connecting the 8
Ω load between outputs. Input is H or L.
Output is saturated.
*2. Input AMP is 0 dB for BUFFER.
*3. Design guaranteed performance.
*4. MUTE is HI for output ON and LOW for output OFF (AMP output is OFF, HI impedance).
Each MUTE activates independently to a corresponding channel.
*5. VREF-SW is set to "H" for switching to external reference voltage and "L" for switching to internal reference
voltage.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com