Electronic Components Datasheet Search
  English  ▼

X  

DVCL28HB Datasheet(PDF) 2 Page - VPT, Inc.

Part # DVCL28HB
Description  HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVCL28HB Datasheet(HTML) 2 Page - VPT, Inc.

  DVCL28HB Datasheet HTML 1Page - VPT, Inc. DVCL28HB Datasheet HTML 2Page - VPT, Inc. DVCL28HB Datasheet HTML 3Page - VPT, Inc. DVCL28HB Datasheet HTML 4Page - VPT, Inc. DVCL28HB Datasheet HTML 5Page - VPT, Inc. DVCL28HB Datasheet HTML 6Page - VPT, Inc. DVCL28HB Datasheet HTML 7Page - VPT, Inc. DVCL28HB Datasheet HTML 8Page - VPT, Inc. DVCL28HB Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DVCL28 Series
DVCL28-5.0
2
SPECIFICATIONS (T
CASE
= -55°C to +125°C, VIN = +28V ± 5%, Full Load, COUT = 100
μF Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+4°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power1
200 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
8.5 Watts
Weight (Maximum)
16 Grams
INH Out Pin Voltage
30 V
ESD Rating per MIL-PRF-38534
3B
Parameter
Conditions
DVCL28
Units
Min
Typ
Max
STATIC
INPUT
Voltage
Continuous
11
28
50
V
Transient, 1 sec
2
-
-
80
V
Inrush Current
Peak, COUT = 100μF
-
-
1.7
APK
Peak, COUT = 500μF
2
-
-
8.5
APK
Current
No Load
-
10
14
mA
UVLO Turn On
-
8.5
11
V
OUTPUT
Voltage
VOUT = VIN – (IIN x RDC)
V
Current
1,3
0
-
11
A
Power
1,3
0
-
200
W
DC RESISTANCE
RDC
-
30
70
mΩ
POWER DISSIPATION
2
-
-
3.6
W
CAPACITANCE
Pin to Case
2400
3300
4200
pF
EXTERNAL CAPACITANCE
2
-
-
500
μF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
445
-
kHrs
DYNAMIC
Turn On Delay
VOUT
Vin=0V to 28V
-
6.2
11
mSec
Turn On Overshoot
VOUT
-
-
50
mVPK
Output Voltage Slope
VOUT
-
6
13
V/ms
Notes:
1. Derate linearly to 0 at 135°C.
2. Verified by qualification testing.
3. Rated current applies at any voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com