Electronic Components Datasheet Search
  English  ▼

X  

DVME28FULES Datasheet(PDF) 13 Page - VPT, Inc.

Part # DVME28FULES
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FULES Datasheet(HTML) 13 Page - VPT, Inc.

Back Button DVME28FULES Datasheet HTML 8Page - VPT, Inc. DVME28FULES Datasheet HTML 9Page - VPT, Inc. DVME28FULES Datasheet HTML 10Page - VPT, Inc. DVME28FULES Datasheet HTML 11Page - VPT, Inc. DVME28FULES Datasheet HTML 12Page - VPT, Inc. DVME28FULES Datasheet HTML 13Page - VPT, Inc. DVME28FULES Datasheet HTML 14Page - VPT, Inc. DVME28FULES Datasheet HTML 15Page - VPT, Inc. DVME28FULES Datasheet HTML 16Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DVME28 Series
DVME28-6.0
13
PACKAGE PIN DESCRIPTION
Pins
Function
Description
1, 2, 3
28V IN
Positive Input Voltage Connection
4, 5, 6
IN COM
Input Common Connection
7, 8, 9
OUT COM
Output Common Connection
10, 11, 12
28V OUT
Positive Output Voltage Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com