Electronic Components Datasheet Search
  English  ▼

X  

DVMSA28 Datasheet(PDF) 2 Page - VPT, Inc.

Part # DVMSA28
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVMSA28 Datasheet(HTML) 2 Page - VPT, Inc.

  DVMSA28 Datasheet HTML 1Page - VPT, Inc. DVMSA28 Datasheet HTML 2Page - VPT, Inc. DVMSA28 Datasheet HTML 3Page - VPT, Inc. DVMSA28 Datasheet HTML 4Page - VPT, Inc. DVMSA28 Datasheet HTML 5Page - VPT, Inc. DVMSA28 Datasheet HTML 6Page - VPT, Inc. DVMSA28 Datasheet HTML 7Page - VPT, Inc. DVMSA28 Datasheet HTML 8Page - VPT, Inc. DVMSA28 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
DVMSA28 Series
DVMSA28-3.0
2
SPECIFICATIONS (TCASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Storage Temperature
-65°C to +150°C
Input Voltage (Transient, 1 second)
80 Volts
Lead Solder Temperature (10 seconds)
300°C
Output Current
0.8 Amps
Weight (Maximum)
12 Grams
Power Dissipation (Full Load, TCASE = +125°C)
0.18 Watts
Parameter
Conditions
DVMSA28
Units
Min
Typ
Max
STATIC
INPUT
Voltage
2
Continuous
0
28
50
V
Transient, 1 sec
-
-
80
V
Current
1,2,3
Continuous
0
-
0.8
A
OUTPUT
Voltage
2
Continuous
VOUT = VIN – (IIN x RDC)
V
Current
2,3
Continuous
0
-
0.8
A
DC RESISTANCE
Continuous
-
-
280
mΩ
POWER DISSIPATION
2
Continuous
-
-
0.18
W
NOISE REJECTION
f = 500 kHz
40
-
-
dB
CAPACITANCE
Pin to Case
10
-
30
nF
ISOLATION
Any Pin to Case, 500 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
AIF @ TC = 55°C
-
3.15
-
MHrs
Notes:
1. Derate linearly to 0 at 135°C.
2. Verified by qualification testing.
3. Rated current applies at any voltage.
BLOCK DIAGRAM
28V IN
PIN 1
IN COM
PIN 7
28V OUT
PINS 2, 3
OUT COM
PINS 5, 6
PINS 4, 8
CASE
Figure 2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com