Electronic Components Datasheet Search
  English  ▼

X  

DVME28FDLKB Datasheet(PDF) 10 Page - VPT, Inc.

Part # DVME28FDLKB
Description  HIGH RELIABILITY HYBRID EMI FILTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVME28FDLKB Datasheet(HTML) 10 Page - VPT, Inc.

Back Button DVME28FDLKB Datasheet HTML 6Page - VPT, Inc. DVME28FDLKB Datasheet HTML 7Page - VPT, Inc. DVME28FDLKB Datasheet HTML 8Page - VPT, Inc. DVME28FDLKB Datasheet HTML 9Page - VPT, Inc. DVME28FDLKB Datasheet HTML 10Page - VPT, Inc. DVME28FDLKB Datasheet HTML 11Page - VPT, Inc. DVME28FDLKB Datasheet HTML 12Page - VPT, Inc. DVME28FDLKB Datasheet HTML 13Page - VPT, Inc. DVME28FDLKB Datasheet HTML 14Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DVME28 Series
DVME28-6.0
10
FLANGED PACKAGE DRAWINGS
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 4-40
4. Product Materials:
Case (Steel, gold over nickel plated); Cover (Kovar, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
Pin
Function
Pin
Function
Pin
Function
Pin
Function
1
28V IN
4
IN COM
7
OUT COM
10
28V OUT
2
28V IN
5
IN COM
8
OUT COM
11
28V OUT
3
28V IN
6
IN COM
9
OUT COM
12
28V OUT
Figure 14 – Flanged Package and Pinout
2.500in 63.50mm
4X 0.250in
6.35mm
4X
0.142in±0.003
3.61mm±0.08
0.230in±0.010
5.84mm±0.25
0in 0mm
0.125in 3.18mm
0.250in 6.35mm
0.250in 6.35mm
0.450in 11.43mm
0.650in 16.51mm
0.850in 21.59mm
1.050in 26.67mm
1.250in 31.75mm
1.625in 41.28mm
1.750in 44.45mm
1
2
3
4
5
6
7
8
9
10
11
12
0.050in 1.27mm
0.220in 5.59mm
0.400in 10.16mm MAX
12X SEAL
0.100in±0.002
2.54mm±0.05
12X PIN
0.040in±0.002
1.02mm±0.05
BASEPLATE
SURFACE
(BOTTOM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com