Electronic Components Datasheet Search
  English  ▼

X  

DVST2800T Datasheet(PDF) 11 Page - VPT, Inc.

Part # DVST2800T
Description  HIGH RELIABILITY DC-DC CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVST2800T Datasheet(HTML) 11 Page - VPT, Inc.

Back Button DVST2800T Datasheet HTML 5Page - VPT, Inc. DVST2800T Datasheet HTML 6Page - VPT, Inc. DVST2800T Datasheet HTML 7Page - VPT, Inc. DVST2800T Datasheet HTML 8Page - VPT, Inc. DVST2800T Datasheet HTML 9Page - VPT, Inc. DVST2800T Datasheet HTML 10Page - VPT, Inc. DVST2800T Datasheet HTML 11Page - VPT, Inc. DVST2800T Datasheet HTML 12Page - VPT, Inc. DVST2800T Datasheet HTML 13Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DVST2800T Series
DVST2800T-2.0
11
PACKAGE PIN DESCRIPTION
Pin
Function
Description
1
28V IN
Positive Input voltage Connection
2
CASE
Case Connection
3
IN COM
Input Common Connection
4
INHIBIT
Logic Low = Disabled Output. Connecting the inhibit pin to input common (PIN 7)
causes converter shutdown.
Logic High = Enabled Output. Unconnected or open collector TTL.
5
+MAIN OUT
Main Positive Output Voltage Connection
6
MAIN RET
Main Output Return Connection
7
+AUX1 OUT
Auxiliary Positive Output Voltage Connection
8
AUX1 RET
Auxiliary Output Return Connection
9
+AUX2 OUT
Auxiliary Positive Output Voltage Connection
10
AUX2 RET
Auxiliary Output Return Connection
ENVIRONMENTAL SCREENING
Screening
Condition
Standard
(No Suffix)
Military
/ML
Pre-Cap Inspection
IPC-A-610 Class II
•
•
Temperature Cycling
-55°C, 100°C, 10 Cycles
•
Burn-In
96 hours at +100°C
12 hours at +100°C
•
•
Final Electrical
100% at -55°C, 25°C, 100°C1
100% at 25°C
•
•
Final Inspection
MIL-STD-883, Test Method 2009
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com