Electronic Components Datasheet Search
  English  ▼

X  

DVTR2805DFES Datasheet(PDF) 7 Page - VPT, Inc.

Part # DVTR2805DFES
Description  HIGH RELIABILITY HYBRID DC-DC CONVERTERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

DVTR2805DFES Datasheet(HTML) 7 Page - VPT, Inc.

Back Button DVTR2805DFES Datasheet HTML 3Page - VPT, Inc. DVTR2805DFES Datasheet HTML 4Page - VPT, Inc. DVTR2805DFES Datasheet HTML 5Page - VPT, Inc. DVTR2805DFES Datasheet HTML 6Page - VPT, Inc. DVTR2805DFES Datasheet HTML 7Page - VPT, Inc. DVTR2805DFES Datasheet HTML 8Page - VPT, Inc. DVTR2805DFES Datasheet HTML 9Page - VPT, Inc. DVTR2805DFES Datasheet HTML 10Page - VPT, Inc. DVTR2805DFES Datasheet HTML 11Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DVTR2800D Series
DVTR2800D-9.0
7
SPECIFICATIONS (T
CASE = -55°C to +125°C, VIN = +28V ± 5%, Full Load
5, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
50 VDC
Junction Temperature Rise to Case
+15°C
Input Voltage (Transient, 1 second)
80 Volts
Storage Temperature
-65°C to +150°C
Output Power
1
40 Watts
Lead Solder Temperature (10 seconds)
270°C
Power Dissipation (Full Load, TCASE = +125°C)
13 Watts
Weight (Maximum) (Un-Flanged / Flanged)
(52 / 55) Grams
ESD Rating per MIL-PRF-38534
3A
Parameter
Conditions
DVTR2818D
Units
Min
Typ
Max
DYNAMIC
Load Step Output Transient
±VOUT
Half Load to Full Load
-
250
500
mVPK
Load Step Recovery
2
-
100
250
Sec
Line Step Output Transient
4
±VOUT
VIN = 16V to 40V
-
1200
2200
mVPK
Line Step Recovery
2, 4
-
350
500
Sec
Turn On Delay
±VOUT
VIN = 0V to 28V
-
10
20
mSec
Turn On Overshoot
-
0
50
mVPK
Notes:
1. Dependant on output voltage.
2. Time for output voltage to settle within 1% of its nominal value.
3. Derate linearly to 0 at 135°C.
4. Verified by qualification testing.
5. Half load at +VOUT and half load at –VOUT.
6. Up to 70% of the total power or current can be drawn from any one of the two outputs.
7. 5% Load to Full Load at -55°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com