Electronic Components Datasheet Search
  English  ▼

X  

SVCL2811SH Datasheet(PDF) 4 Page - VPT, Inc.

Part # SVCL2811SH
Description  SPACE QUALIFIED HYBRID INRUSH CURRENT LIMITER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVCL2811SH Datasheet(HTML) 4 Page - VPT, Inc.

  SVCL2811SH Datasheet HTML 1Page - VPT, Inc. SVCL2811SH Datasheet HTML 2Page - VPT, Inc. SVCL2811SH Datasheet HTML 3Page - VPT, Inc. SVCL2811SH Datasheet HTML 4Page - VPT, Inc. SVCL2811SH Datasheet HTML 5Page - VPT, Inc. SVCL2811SH Datasheet HTML 6Page - VPT, Inc. SVCL2811SH Datasheet HTML 7Page - VPT, Inc. SVCL2811SH Datasheet HTML 8Page - VPT, Inc. SVCL2811SH Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVCL28
– 3.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 4
SVCL28 Series
3.2 PERFORMANCE SPECIFICATIONS (CONTINUED)
Tcase = -55 °C to +125 °C, VIN = +28 V ± 5%, Full Load, Cout = 100
μF Unless Otherwise Specified
SVCL2811S
Parameter
Conditions
Min
Typ
Max
Units
INPUT
Voltage
Continuous
11
28
50
V
Transient, 1 sec2
-
-
80
V
Inrush Current
Peak, Cout = 100
μF
-
-
1.7
Apk
Peak, Cout = 500
μF2
-
-
8.5
Apk
Current
No Load
-
10
14
mA
Undervoltage Lockout
Turn-On
-
8.5
11
V
OUTPUT STATIC
Voltage
Vout = Vin
– (Iin x Rdc)
V
Current1
0
-
11
A
Power1
0
-
200
W
OUTPUT DYNAMIC
Output Voltage Slope, Vin=0 V to 28 V
-
-
4
11
V/ms
Turn-On, Vin = 0 V to 28 V
Delay
-
8.7
13
mSec
Overshoot
-
-
50
mVpk
GENERAL
DC Resistance
-
30
70
mΩ
Capacitive Load2
-
-
500
μF
Power Dissipation2
-
-
8.5
W
Isolation
500 V DC, Tcase = 25 °C
100
-
-
MΩ
Capacitance
Pin to Case
2400
3300
4200
pF
MTBF (MIL-HDBK-217F)
SF @ Tcase = 55 °C
-
4.984
-
MHrs
Weight
-
-
16
g
1. Derate linearly to 0 at 135 °C.
2. Verified by initial electrical design verification. Post design verification, parameter shall be guaranteed to the limits specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com