Electronic Components Datasheet Search
  English  ▼

X  

BC238C Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC238C
Description  Amplifier Transistors(NPN Silicon)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC238C Datasheet(HTML) 2 Page - ON Semiconductor

  BC238C Datasheet HTML 1Page - ON Semiconductor BC238C Datasheet HTML 2Page - ON Semiconductor BC238C Datasheet HTML 3Page - ON Semiconductor BC238C Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BC237,A,B,C BC238B,C BC239,C
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 10 µA, VCE = 5.0 V)
BC237A
BC237B/238B
BC237C/238C/239C
(IC = 2.0 mA, VCE = 5.0 V)
BC237
BC239
BC237A
BC237B/238B
BC237C/238C/239C
(IC = 100 mA, VCE = 5.0 V)
BC237A
BC237B/238B
BC237C/238C/239C
hFE
—
—
—
120
120
120
200
380
—
—
—
90
150
270
—
—
170
290
500
120
180
300
—
—
—
800
800
220
460
800
—
—
—
—
Collector – Emitter On Voltage
(IC = 10 mA, IB = 0.5 mA)
BC237/BC238/BC239
(IC = 100 mA, IB = 5.0 mA)
BC237/BC239
BC238
VCE(sat)
—
—
0.07
0.2
0.2
0.6
0.8
V
Base – Emitter Saturation Voltage
(IC = 10 mA, IB = 0.5 mA)
(IC = 100 mA, IB = 5.0 mA)
VBE(sat)
—
—
0.6
—
0.83
1.05
V
Base–Emitter On Voltage
(IC = 100 µA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
(IC = 100 mA, VCE = 5.0 V)
VBE(on)
—
0.55
—
0.5
0.62
0.83
—
0.7
—
V
DYNAMIC CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 0.5 mA, VCE = 3.0 V, f = 100 MHz)
BC237
BC238
BC239
(IC = 10 mA, VCE = 5.0 V, f = 100 MHz)
BC237
BC238
BC239
fT
—
—
—
150
150
150
100
120
140
200
240
280
—
—
—
—
—
—
MHz
Collector–Base Capacitance
(VCB = 10 V, IC = 0, f = 1.0 MHz)
Cobo
—
—
4.5
pF
Emitter–Base Capacitance
(VEB = 0.5 V, IC = 0, f = 1.0 MHz)
Cibo
—
8.0
—
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kΩ,
f = 1.0 kHz)
BC239
(IC = 0.2 mA, VCE = 5.0 V, RS = 2.0 kΩ,
f = 1.0 kHz,
∆f = 200 Hz)
BC237
BC238
BC239
NF
—
—
—
—
2.0
2.0
2.0
2.0
4.0
10
10
4.0
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com