Electronic Components Datasheet Search
  English  ▼

X  

VPTHVM-270 Datasheet(PDF) 2 Page - VPT, Inc.

Part # VPTHVM-270
Description  HIGH RELIABILITY COTS REGULATED BUS CONVERTER MODULE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

VPTHVM-270 Datasheet(HTML) 2 Page - VPT, Inc.

  VPTHVM-270 Datasheet HTML 1Page - VPT, Inc. VPTHVM-270 Datasheet HTML 2Page - VPT, Inc. VPTHVM-270 Datasheet HTML 3Page - VPT, Inc. VPTHVM-270 Datasheet HTML 4Page - VPT, Inc. VPTHVM-270 Datasheet HTML 5Page - VPT, Inc. VPTHVM-270 Datasheet HTML 6Page - VPT, Inc. VPTHVM-270 Datasheet HTML 7Page - VPT, Inc. VPTHVM-270 Datasheet HTML 8Page - VPT, Inc. VPTHVM-270 Datasheet HTML 9Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
VPTHVM-270 Series
VPTHVM-270-5.0
2
SPECIFICATIONS (T
CASE = -55°C to +100°C, VIN = +270V ± 5%, Full Load, Unless Otherwise Specified)
ABSOLUTE MAXIMUM RATINGS
Input Voltage (Continuous)
400 VDC
Junction Temperature Rise to Case
+15°C
Input Voltage (Transient, 1 second)
500 Volts
Storage Temperature
-55°C to +125°C
Output Power
200 Watts
Lead Solder Temperature (10 seconds)
300°C
Power Dissipation (Full Load, TCASE = +100°C)
25 Watts
Weight
88g
Parameter
Conditions
VPHVM-270
Units
Min
Typ
Max
STATIC
INPUT
Voltage
Continuous
180
-
350
V
Continuous, Pout ≤ 150W
160
-
400
V
Transient, 1 sec
3
160
-
500
V
Current
Inhibited
-
2
4
mA
No Load
4
-
3
6
mA
Ripple Current
20Hz to 10MHz
-
50
250
mAp-p
Inhibit Pin Input
3
0
-
1.5
V
Inhibit Pin Open Circuit Voltage
3
3
4.5
6
UVLO Turn On
-
156
159
V
UVLO Turn Off
3
145
150
-
V
OUTPUT
Voltage
VOUT
Vin = 270V
26
27
30
V
Vin = 160V to 500V
16
27
30
V
Power
1
0
-
200
W
Ripple Voltage
VOUT
20Hz to 10MHz
-
100
250
mVp-p
Load Regulation
VOUT
No Load to Full Load
-
100
300
mV
EFFICIENCY
5
88
91
-
%
CAPACITIVE LOAD
3
-
-
250
F
Load Fault Power Dissipation
3
Overload
-
27
35
W
Short Circuit
-
19
35
W
SWITCHING FREQUENCY
350
450
550
kHz
SYNC FREQUENCY RANGE
VH-VL=5V, Duty=50%
550
-
650
kHz
ISOLATION
2250 VDC
100
-
-
MΩ
MTBF (MIL-HDBK-217F)
GM @ TC = 55°C
-
429
-
kHrs
DYNAMIC
Load Step Output Transient
VOUT
Half Load to Full Load
-
1
3
VPK
Load Step Recovery
2
-
100
300
Sec
Turn On Delay
VIN = 0V to 270V
-
10
20
mSec
Turn On Overshoot
-
0
150
mVPK
Notes:
1. Derate linearly to 0 at 110°C
2. Time for output voltage to settle within 1% of its nominal value.
3. Verified by qualification testing
4. Maximum no load input current at -55°C = 8mA (Epoxy Encapsulated Package only)
5. Minimum efficiency at -55°C = 86% (Epoxy Encapsulated Package only)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com