Electronic Components Datasheet Search
  English  ▼

X  

SVRFL2805DFEM Datasheet(PDF) 4 Page - VPT, Inc.

Part # SVRFL2805DFEM
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRFL2805DFEM Datasheet(HTML) 4 Page - VPT, Inc.

  SVRFL2805DFEM Datasheet HTML 1Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 2Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 3Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 4Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 5Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 6Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 7Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 8Page - VPT, Inc. SVRFL2805DFEM Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRFL2800D - 10.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 4
SVRFL2800D Series
3.2 PERFORMANCE SPECIFICATIONS (CONTINUED)
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load1, Unless Otherwise Specified
SVRFL2815D
Parameter
Conditions5
Min
Typ
Max
Units
INPUT
Voltage
Continuous
18
28
407
V
Transient, 1 sec4
-
-
50
V
Current
INH 1 < 1.5 V
-
3.5
8
mA
INH 2 < 1 V
-
30
70
mA
No Load
-
100
160
mA
Ripple Current
20 Hz to 10 MHz
-
50
160
mApp
Undervoltage Lockout
Turn-On
14.5
16
17.5
V
Turn-Off4
13
15
17
V
OUTPUT STATIC
Voltage
+Vout, Tcase = 25 °C
14.85
15
15.15
V
+Vout, Tcase = -55 °C to +125 °C
14.625
15
15.375
V
-Vout, Tcase = 25 °C
14.7
15
15.3
V
-Vout, Tcase = -55 °C to +125 °C
14.275
15
15.725
V
Power2
Total
0
-
100
W
Either Output
0
-
60
W
Current2
Total
0
-
6.67
A
Either Output
0
-
4
A
Ripple Voltage
20 Hz to 10 MHz
-
80
160
mVpp
Line Regulation
+Vout, VIN = 18 V to 40 V
-
1
20
mV
-Vout, VIN = 18 V to 40 V
-
15
200
mV
Load Regulation8
+Vout, No Load to Full Load
-
5
120
mV
-Vout, No Load to Full Load
-
50
200
mV
Cross Regulation, -Vout
+Vout: 40% load, -Vout: 60% load
-
80
450
mV
+Vout: 60% load, -Vout: 40% load
Load Fault Power Dissipation
Overload4
-
-
50
W
Short Circuit
-
-
50
W
OUTPUT DYNAMIC
Load Step, Half to Full Load, Either Output
Output Transient
-
250
600
mVpk
Recovery3
-
150
500
µs
Line Step4, Vin = 18V to 40 V
Output Transient
-
500
1200
mVpk
Recovery3
-
200
500
µs
Turn-On, Vin = 0 to 28 V
Delay
-
5
20
ms
Overshoot
-
20
50
mVpk
FUNCTION
INH 1 Pin Input4
Output Inhibited
0
-
1.5
V
INH 2 Pin Input4
Output Inhibited
0
-
1
V
INH 1 Pin Open Circuit Voltage4
Output Enabled
9
-
15
V
INH 2 Pin Open Circuit Voltage4
Output Enabled
4
-
12
V
Voltage Trim Range
-20
-
10
%
SHARE Pin Voltage4
2
-
4
V
SYNC Frequency Range
500
-
600
kHz
GENERAL
Efficiency
75
83
-
%
Capacitive Load4
-
-
300
µF
Switching Frequency
450
550
550
kHz
Isolation
500 V DC, Tcase = 25 °C
100
-
-
M
Ω
Weight
Standard package option
-
-
88
g
MTBF (MIL-HDBK-217F)6
SF, Class K @ Tcase = 55 °C
-
2.47
-
MHr
1. Half load at +Vout and half load at -Vout
2. Up to 60% of the total power or current can be drawn from
either of the two outputs
3. Time for output voltage to settle within 1% of steady-state
value
4. Verified by initial electrical design verification. Post design
verification, parameter shall be guaranteed to the limits
specified
5. End-of-Life performance includes aging and radiation
degradation and is within standard limits except where noted
6. Correction factor of 0.12 added to ceramic capacitors
7. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and
Aerospace TOR
8. 5% load to full load at -55 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com