Electronic Components Datasheet Search
  English  ▼

X  

SVRGA0508S/H+ Datasheet(PDF) 1 Page - VPT, Inc.

Part # SVRGA0508S/H+
Description  SPACE QUALIFIED POINT OF LOAD CONVERTERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRGA0508S/H+ Datasheet(HTML) 1 Page - VPT, Inc.

  SVRGA0508S/H+ Datasheet HTML 1Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 2Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 3Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 4Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 5Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 6Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 7Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 8Page - VPT, Inc. SVRGA0508S/H+ Datasheet HTML 9Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRGA0508S - 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 1
SVRGA0508S SERIES
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA Series DC-DC Converter
Models Available
Input: 5 V nominal
20 W, 8 A output
Qualified to MIL-PRF-38534 Class H and Class K
Designed for TOR Compliance
1.0 DESCRIPTION
The SVRGA Series of space qualified point of load DC-DC
converters is specifically designed for the harsh radiation
environment of space applications and is designed in accordance
with Aerospace TOR requirements. Performance is guaranteed
through the use of hardened semiconductor components,
radiation lot acceptance testing (RLAT) of non-hardened
components, and analysis. The SVRGA Series has been
characterized for Total Ionizing Dose (TID) performance
including Enhanced Low Dose Rate Sensitivity (ELDRS) and for
Single Event Effects (SEE) according to VPT’s DLA-approved
Radiation Hardness Assurance (RHA) plan per MIL-PRF-38534,
Appendix G, Level R. Characterization is performed at both the
component level and at the SVRGA Series hybrid converter
level.
The SVRGA Series of point of load DC-DC converters is
radiation hardened and suited for use in low Earth orbit (LEO),
medium Earth orbit (MEO), geostationary orbit (GEO), deep
space, and launch vehicle programs.
1.1 FEATURES
• Operates from 5 V input
• Adjustable Output from 0.8 V to 3.4 V
• Up to 8 Amps or 20 Watt Output
• High Efficiency, up to 92%
• High Power Density, >64 W/in3
• Output Inhibit Control
• Low Output Noise
• No Use of Optoisolators
• Short Circuit Protection
1.2 SPACE LEVEL CHARACTERIZATIONS
• Guaranteed TID performance to 100 krad(Si) including ELDRS
• SEE performance to 85 MeV/mg/cm2. Transients are fully
characterized for cross section and magnitude
• Worst-case analysis, stress, radiation, reliability reports available
1.3 MANUFACTURING AND COMPLIANCE
• Qualified to MIL-PRF-38534 Class H and Class K,
DLA SMD # 5962-13217
• Available compliant to MIL-HDBK-1547 and Aerospace TOR
component level element evaluation
• MIL-PRF-38534 element evaluated components
• Manufactured in a MIL-PRF-38534 Class H and Class K facility
• MIL-STD-883
• ISO-9001
1.4 PACKAGING
• Low-profile: 1.075” x 1.075” x 0.270”
• Max weight: 16 g
• Precision projection-welded hermetic metal case
1.5 SIMILAR PRODUCTS AND ACCESSORIES
• SVGA0510S 33 W space qualified point of load DC-DC converter
• Custom versions available
• Space qualified isolated DC-DC converters, 15 - 100 W
• EMI filters
Products and reports described in this datasheet are subject to all export license restrictions and regulations which may include but are not limited to ITAR
(International Traffic in Arms Regulations) and the Export Administration and Foreign Assets Control Regulations. Further restrictions may apply. Contact VPT
sales for details.


Similar Part No. - SVRGA0508S/H+

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVRGA0508S VPT-SVRGA0508S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
554Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVRGA0508S VPT-SVRGA0508S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results

Similar Description - SVRGA0508S/H+

ManufacturerPart #DatasheetDescription
logo
VPT, Inc.
SVFA0510S VPT-SVFA0510S Datasheet
556Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0510SG VPT-SVFA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515S VPT-SVFA0515S Datasheet
554Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVFA0515SG VPT-SVFA0515SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510S VPT-SVGA0510S Datasheet
784Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0510SG VPT-SVGA0510SG Datasheet
1Mb / 13P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVGA0515S VPT-SVGA0515S Datasheet
778Kb / 11P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R306SG VPT-SVPL3R306SG Datasheet
1Mb / 15P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL3R312SG VPT-SVPL3R312SG Datasheet
1Mb / 15P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
SVPL1209SG VPT-SVPL1209SG Datasheet
1Mb / 17P
SPACE QUALIFIED POINT OF LOAD CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com