Electronic Components Datasheet Search
  English  ▼

X  

SVRME28FEM Datasheet(PDF) 2 Page - VPT, Inc.

Part # SVRME28FEM
Description  SPACE QUALIFIED HYBRID EMI FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRME28FEM Datasheet(HTML) 2 Page - VPT, Inc.

  SVRME28FEM Datasheet HTML 1Page - VPT, Inc. SVRME28FEM Datasheet HTML 2Page - VPT, Inc. SVRME28FEM Datasheet HTML 3Page - VPT, Inc. SVRME28FEM Datasheet HTML 4Page - VPT, Inc. SVRME28FEM Datasheet HTML 5Page - VPT, Inc. SVRME28FEM Datasheet HTML 6Page - VPT, Inc. SVRME28FEM Datasheet HTML 7Page - VPT, Inc. SVRME28FEM Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRME28
– 8.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 2
SVRME28 Series
2.0 DIAGRAMS
2.1 BLOCK DIAGRAM
2.2 CONNECTION DIAGRAM
3.0 SPECIFICATIONS
3.1 ABSOLUTE MAXIMUM RATING
Absolute Maximum Ratings
Input Voltage (Continuous):
-0.5 V to 40 V
Operating Temperature (Full Load):
-55 °C to +125 °C
Input Voltage (Transient, 1 second):
-0.5 V to 50 V
Storage Temperature:
-65 °C to +150 °C
Lead Solder Temperature (10 seconds):
300 °C
28VIN
INCOM
28VOUT
OUTCOM
CASE
2
INCOM
4
INH1
7
+VOUT
8
OUTCOM
LOAD
+
-
28 Vdc
9
OUTCOM
7
OUTCOM
28VIN
1
6
INCOM
CASE
6
SYNCIN
10
+S
9
-S
8
OUTCOM
10
28VOUT
11
28VOUT
12
28VOUT
1
28VIN
2
28VIN
3
28VIN
4
INCOM
5
INCOM
12
INH2
SVRME28 EMI FILTER
SVRFL2800S DC-DC CONVERTER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com