Electronic Components Datasheet Search
  English  ▼

X  

SVRSA2805DFEM Datasheet(PDF) 8 Page - VPT, Inc.

Part # SVRSA2805DFEM
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRSA2805DFEM Datasheet(HTML) 8 Page - VPT, Inc.

Back Button SVRSA2805DFEM Datasheet HTML 4Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 5Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 6Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 7Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 8Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 9Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 10Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 11Page - VPT, Inc. SVRSA2805DFEM Datasheet HTML 12Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRSA2800D – 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 8
SVRSA2800D Series
6.0 TECHNICAL NOTES
Please note that many of these
functions are also demonstrated
in detail on the VPT website in the form of technical video labs.
6.1 GENERAL INFORMATION
6.1.1 Topology Description
The SVRSA2800D Series is an isolated dual-output flyback converter. It provides a positive and negative output voltage with respect to
the OUTCOM pin. Up to 70% of the total output power is available from either output. The internal voltage regulation loop actively
regulates the positive output using VPT’s proprietary magnetic feedback technology. The negative output is regulated by cross-
regulation of the transformer windings. The negative output is well-regulated for balanced load conditions. For unbalanced load
conditions, refer to the cross regulation performance graphs in Section 4.2 for expected performance. For a balanced or near-balanced
load condition, the converter will regulate down to zero load, and no minimum load is required. For an unbalanced load condition, with
negative loads greater than 10%, a minimum load of 10% is recommended on the positive output.
6.1.2 External Components
The SVRSA2800D Series is designed to operate stand-alone in most applications. It does not require any external components for
proper operation or to meet the datasheet specifications. Input and output L-C filters are provided internally for low ripple and noise. To
further reduce output ripple and noise, a small ceramic capacitor, 1 µF to 10 µF, can be added at the output. Most application specific
ripple requirements can be met with the addition of output capacitors alone. External output capacitance can be added up to the
maximum listed in
Section 3.2.
6.1.3 Source Impedance
The impedance of the 28 V input source can interact with the DC-DC converter and can affect performance. High source impedance is
often caused by a long input cable or components added in series with the input. Source resistance will cause a DC voltage drop as the
converter draws DC input current. This voltage drop is simply the cable resistance multiplied by the input current at low line. The
voltage drop and the actual voltage at the input to the converter will determine the minimum source voltage at which the converter will
operate. A high source inductance can interact with the feedback control loop of the converter. VPT’s EMI filters will usually isolate the
source and eliminate this problem. In some cases, additional input capacitance will be needed to stabilize the system.
6.1.4 Output Configurations
Since the converter is isolated, the outputs can be used as a traditional dual-output, with a positive and negative voltage referenced to
OUTCOM, or as a single-ended output referenced to –VOUT or +VOUT. For example, the SVRSA2812D can provide +12 V and -12 V
in the traditional dual output configuration, or can provide +24 V referenced to –VOUT, or -24 V referenced to +VOUT in single-ended
configuration. In the single-ended configuration, the OUTCOM pin will be at +12 V relative to –VOUT.
The outputs of multiple converters can be stacked in series to provide higher voltages. When outputs of multiple modules are stacked,
they naturally share the load. For example, two SVRSA2812D converters can be stacked to provide a 48 V output at 12 W.
6.2 FUNCTION DESCRIPTIONS
6.2.1 On/Off Control (Inhibit)
The INH (Inhibit) pin is a primary-side control pin referenced to INCOM. The INH
pin must be driven using an open collector or open drain configuration. Pulling the
INH pin low disables the converter output, removes bias voltage from internal
control circuitry, and puts the converter in a state of minimum input current draw.
Leaving INH open enables the output, allowing the converter to operate normally.
The pin must be pulled below 1.5 V to disable the output. An optional capacitor
from INH to INCOM may be used to delay turn-on. The INH pin should be left open
if not used.
7
INCOM
1
INH
8
28VIN
OPTIONAL
CAPACITOR
BIAS
12V
10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com