Electronic Components Datasheet Search
  English  ▼

X  

SVRHF2805DFK Datasheet(PDF) 7 Page - VPT, Inc.

Part # SVRHF2805DFK
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRHF2805DFK Datasheet(HTML) 7 Page - VPT, Inc.

Back Button SVRHF2805DFK Datasheet HTML 3Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 4Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 5Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 6Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 7Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 8Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 9Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 10Page - VPT, Inc. SVRHF2805DFK Datasheet HTML 11Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRHF2800D – 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 7
SVRHF2800D Series
5.0 MECHANICAL OUTLINES AND PINOUT
Non-Flanged Package Option:
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Materials: Case (Steel, gold over nickel plated); Cover (Steel, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Glass)
Pin Function
Pin Function
Pin Function
1
INH
4
-VOUT
7
INCOM
2
+VOUT
5
NC
8
28VIN
3
OUTCOM
6
CASE
1.460in 37.08mm MAX
PIN 1
0.330in 8.38mm MAX
0.250in±0.015 6.35mm±0.38
8X PIN
0.030in±0.002
0.76mm±0.05
7X SEAL
0.080in±0.002
2.03mm±0.05
0in 0mm
0.160in 4.06mm
0.800in 20.32mm
1
2
3
4
5
6
7
8
BASEPLATE
SURFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com