Electronic Components Datasheet Search
  English  ▼

X  

SVRSA2805DFH Datasheet(PDF) 10 Page - VPT, Inc.

Part # SVRSA2805DFH
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRSA2805DFH Datasheet(HTML) 10 Page - VPT, Inc.

Back Button SVRSA2805DFH Datasheet HTML 6Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 7Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 8Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 9Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 10Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 11Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 12Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 13Page - VPT, Inc. SVRSA2805DFH Datasheet HTML 14Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRSA2800D – 5.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 10
SVRSA2800D Series
6.5 RADIATION HARDNESS ASSURANCE
VPT takes a conservative approach to radiation testing to ensure product performance in a space environment. VPT’s DLA-approved
Radiation Hardness Assurance (RHA) plan documents VPT’s processes and procedures for guaranteeing the performance of VPT
products under various environmental conditions in space including Total Ionizing Dose (TID) and Single-Event Effects (SEE).
Additionally, Enhanced Low Dose-Rate Sensitivity (ELDRS) effects are considered for all bipolar ICs used in the hybrid. Hardness is
guaranteed by a combination of both hybrid-level characterization and Radiation Lot Acceptance Testing (RLAT) of all sensitive
semiconductor piece-parts used within the hybrid.
6.5.1 Radiation Test and Performance Levels
Radiation Environment
Piece Part RLAT
Hybrid-Level
Characterization
Total Ionizing Dose
(TID)
High Dose Rate (HDR)
100 krad(Si)
100 krad(Si)
Low Dose Rate (LDR)
1
100 krad(Si)
100 krad(Si)
Single-Event Effects
(SEE)
Destructive (SEB, SEGR, SEL)
Not applicable
≥ 85 MeV/mg/cm2
2
Non-Destructive (SET, SEU, SEFI)
Not applicable
≥ 85 MeV/mg/cm2
1.
Piece-part LDR screening performed only on potentially ELDRS parts (bipolar ICs).
2.
The PWM IC used in this part is suceptible to a non-destructive SEFI/SEL event with threshold LET ≥ 42 MeV/mg/cm2. The SEFI manifests as a shutdown for up
to 1 second followed by a controlled soft-start of the converter. The non-destructive SEL manifests itself as a shutdown requiring user intervention to recover by
cycling either the input power or the inhibit function. At the worst-case 125 °C and 85 MeV/mg/cm2, the cross-section of these events is 3.18 x 10-6 cm2. Full details
available in the Radiation Test Report.
6.5.2 RHA Plan Summary
Test
RHA Plan for SVR Series Isolated DC-DC Converters
Total Ionizing Dose (TID):
Sensitive semiconductor components undergo RLAT to 100 krad(Si) per
MIL-STD-883 Method 1019. Converters are characterized to 100 krad(Si).
Enhanced Low Dose Rate Sensitivity (ELDRS):
All bipolar linear ICs are characterized for ELDRS and tested in accordance
with MIL-STD-883 test method 1019 section 3.13
Single Event Effects (SEE):
Converters are characterized to LET ≥ 85 MeV/mg/cm2 for both catastrophic
events (SEL, SEB, SEGR) and functional interrupts (SEFI) under heavy ion
exposure. Converters are also characterized for cross-section and magnitude
of output transients (SET) for at least 3 different LET levels.
Radiation Lot Acceptance Testing (RLAT):
All production lots of sensitive semiconductor components undergo RLAT for
TID at HDR and/or LDR as appropriate per part type.
6.5.3 RHA Designators available on SMD
The SVRSA2800D series converters are available on SMD with RHA level R. See section 8.0 for full SMD number information.
6.5.4 Supporting Documentation Available (Contact Sales)
•
Radiation Hardness Assurance Plan:
DLA-approved RHA plan covering TID, SEE, and ELDRS
•
Worst-Case Analysis Report:
Detailed worst-case analysis including electrical stress/derating limits and
guaranteed circuit performance post-radiation and end of life
•
Radiation Test Summary Report:
Overview of piece-part RLAT and hybrid characterization for all guaranteed
environments. Also includes SEE cross-section data.
•
Reliability Report:
MTBF report based on MIL-HDBK-217 reliability calculations.
•
Thermal Analysis Report:
Component temperature rise analysis and measurement results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com