Electronic Components Datasheet Search
  English  ▼

X  

SVRMH28F/K Datasheet(PDF) 3 Page - VPT, Inc.

Part # SVRMH28F/K
Description  SPACE QUALIFIED HYBRID EMI FILTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRMH28F/K Datasheet(HTML) 3 Page - VPT, Inc.

  SVRMH28F/K Datasheet HTML 1Page - VPT, Inc. SVRMH28F/K Datasheet HTML 2Page - VPT, Inc. SVRMH28F/K Datasheet HTML 3Page - VPT, Inc. SVRMH28F/K Datasheet HTML 4Page - VPT, Inc. SVRMH28F/K Datasheet HTML 5Page - VPT, Inc. SVRMH28F/K Datasheet HTML 6Page - VPT, Inc. SVRMH28F/K Datasheet HTML 7Page - VPT, Inc. SVRMH28F/K Datasheet HTML 8Page - VPT, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRMH28
– 6.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 3
SVRMH28 Series
3.2 PERFORMANCE SPECIFICATIONS
Tcase = -55 °C to +125 °C, Vin = +28 V ± 5%, Full Load, Unless Otherwise Specified
SVRMH28
Parameter
Conditions2
Min
Typ
Max
Units
INPUT
Voltage
Continuous
0
28
404
V
Transient1, 1 sec
-
-
50
V
OUTPUT STATIC
Voltage1
Vout = Vin
– (Iin x RDC)
V
Current
0
-
2
A
GENERAL
DC Resistance
-
-
250
m
Ω
Power Dissipation1
-
-
1
W
Noise Rejection
f = 500 kHz
55
-
-
dB
Capacitance
Any pin to case
10
-
30
nF
Isolation
Any pin to case, 500 VDC
100
-
-
M
Ω
Weight
Non-flanged package option
-
-
24
g
Flanged package option
-
-
29
g
MTBF (MIL-HDBK-217F) 3
SF, Class K @ Tcase = 55 °C
-
114
-
MHr
1. Verified by qualification testing
2. End-of-Life performance includes aging and radiation degradation and is
within standard limits except where noted
3. Correction factor of 0.12 added to ceramic capacitors
4. 37.5 V Max continuous to be compliant to MIL-HDBK-1547 and Aerospace
TOR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com