Electronic Components Datasheet Search
  English  ▼

X  

SVRTR2805DFK Datasheet(PDF) 7 Page - VPT, Inc.

Part # SVRTR2805DFK
Description  SPACE QUALIFIED HYBRID DC-DC CONVERTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VPT [VPT, Inc.]
Direct Link  https://www.vptpower.com/
Logo VPT - VPT, Inc.

SVRTR2805DFK Datasheet(HTML) 7 Page - VPT, Inc.

Back Button SVRTR2805DFK Datasheet HTML 3Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 4Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 5Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 6Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 7Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 8Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 9Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 10Page - VPT, Inc. SVRTR2805DFK Datasheet HTML 11Page - VPT, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Sales Information
Phone:(425) 353-3010
Fax: (425) 353-4030
SVRTR2800D - 9.0
E-mail: vptsales@vptpower.com
Web: www.vptpower.com
Page 7
SVRTR2800D Series
5.0 MECHANICAL OUTLINES AND PINOUT (CONTINUED)
Flanged Package Option:
1. Tolerances are +0.005” unless otherwise stated
2. Case temperature is measured on the center of the baseplate surface
3. Mounting holes are not threaded. Recommended fastener is 6-32
4. Materials: Case (Steel, gold over nickel plated); Cover (Kovar, nickel plated); Pin (Copper-cored alloy 52, gold over nickel plated); Pin Seals (Ceramic)
Pin Function
Pin Function
Pin Function
Pin Function
1
28VIN
4
OUTCOM
7
CASE
10
INCOM
2
INH
5
-VOUT
8
CASE
3
+VOUT
6
CASE
9
SYNC
2.125in 53.98mm MAX
2.550in
64.77
0.162in
4.11mm
R0.160in
4.06mm
2.890in 73.41mm MAX
PIN 1
0.405in 10.29mm MAX
0.260in±0.025 6.60mm±0.64
0.060in +-
0.000
0.005 1.52mm -
0
0.13
8X SEAL
0.124in±0.003
3.15mm±0.08
10X PIN
0.040in±0.003
1.02mm±0.08
0in 0mm
0.155in 3.94mm
0.400in 10.16mm
0.800in 20.32mm
1
2
3
4
5
6
7
8
9
10
BASEPLATE
SURFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com